Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7802A-1A-F3 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS7802A-1A-F3
Description  4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7802A-1A-F3 Datasheet(HTML) 4 Page - California Eastern Labs

  PS7802A-1A-F3 Datasheet HTML 1Page - California Eastern Labs PS7802A-1A-F3 Datasheet HTML 2Page - California Eastern Labs PS7802A-1A-F3 Datasheet HTML 3Page - California Eastern Labs PS7802A-1A-F3 Datasheet HTML 4Page - California Eastern Labs PS7802A-1A-F3 Datasheet HTML 5Page - California Eastern Labs PS7802A-1A-F3 Datasheet HTML 6Page - California Eastern Labs PS7802A-1A-F3 Datasheet HTML 7Page - California Eastern Labs PS7802A-1A-F3 Datasheet HTML 8Page - California Eastern Labs PS7802A-1A-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF
V
4
.
1
1
.
1
A
m
5
=
Reverse Current
IR
VR
0
.
5
V
5
=
μA
MOS FET
Off-state Leakage Current
ILoff
VD
A
n
0
1
1
.
0
V
0
4
=
Output Capacitance
Cout
VD
F
p
5
.
1
1
z
H
M
1
=
f
,
V
0
=
Coupled
LED On-state Current
IFon
IL
A
m
4
A
m
0
5
2
=
On-state Resistance
Ron
IF = 5 mA, IL = 250 mA
1.1
1.6
Ω
Turn-on Time
*1, 2
ton
IF = 5 mA, VO = 5 V, RL = 500 Ω,
0.05
0.25
ms
Turn-off Time
*1, 2
toff
PW ≥
5
2
.
0
5
0
.
0
s
m
5
.
0
Isolation Resistance
RI-O
VI-O = 0.5 kVDC
0
1
9
Ω
Isolation Capacitance
CI-O
F
p
3
.
0
z
H
M
1
=
f
,
V
0
=
V
Equivalent Rise Time
*3
ERT
IF = 5 mA, tr (in) = 25.0 ps,
45
ps
0
5
,
V
m
0
5
2
=
V
Ω termination
*1 Test Circuit for Switching Time
Pulse Input
r
o
t
i
n
o
m
r
o
t
i
n
o
m
t
u
p
n
IVO
VL
RL
IF
Rin
ton
toff
10%
90%
Input
0
Output
VO = 5 V
50%
*2 The turn-on time and turn-off time are specified as input-pulse width ≥ 0.5 ms.
Be aware that when the device operates with an input-pulse width less than 0.5 ms, the turn-on time and turn-off
time will increase.
*3 ERT (Equivalent Rise Time) measurement
10%
90%
250 mV
tr (in)
10%
90%
Input
250 mV
Output
tr (out)
ERT =
tr (out) – tr (in)
2
2
Data Sheet PN10686EJ02V0DS
4
PS7802A-1A


Similar Part No. - PS7802A-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7802A-1A-F3 NEC-PS7802A-1A-F3 Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7802A-1A-F3 RENESAS-PS7802A-1A-F3 Datasheet
165Kb / 12P
   4-PIN ULTRA SMALL FLAT-LEAD LOW ON-STATE RESISTANCE
logo
NEC
PS7802A-1A-F3-A NEC-PS7802A-1A-F3-A Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7802A-1A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7804-1A CEL-PS7804-1A Datasheet
182Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7802A-1A NEC-PS7802A-1A Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7804-1A NEC-PS7804-1A Datasheet
92Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7902-1A CEL-PS7902-1A Datasheet
1Mb / 7P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7904-1A RENESAS-PS7904-1A Datasheet
208Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Oct 22, 2012
logo
NEC
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801-1A CEL-PS7801-1A Datasheet
202Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801E-1A RENESAS-PS7801E-1A Datasheet
268Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R, 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7802-1A RENESAS-PS7802-1A Datasheet
255Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com