Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7611ST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM7611ST
Description  ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM7611ST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM7611ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7611ST Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7611ST Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7611ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.3 - 155
3.3
OM7611ST
TYPICAL PERFORMANCE CHARACTERISTICS
0.8
0.6
0.4
0.2
0
-0.2
-0.4
0
-0.5
-1.0
0
10203040
Time (µS)
Line Transient Response
1.270
1.260
1.250
1.240
1.230
-75 -50 -25 0 25 50 75 100125150
Temperature (°C)
Temperature Stability
100
80
60
40
20
0
10
100
1k
10k 100k 1M
Frequency (Hz)
Ripple Rejection
5
4
3
2
1
0
0
5
10 15 20 25 30 35
Input-Output Differential (V)
Guaranteed Minimum Output Current
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
0
-0.5
-1.0
-1.5
0
10203040
Time (µS)
Load Transient Response
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
10203040
Input-Output Differential (V)
Minimum Load Current
100
80
60
40
20
0
0.01
0.1
1
10
Output Current (A)
Ripple Rejection
80
75
70
65
60
55
50
-75 -50 -25 0 25 50 75 100 125 150
Temperature (°C)
Adjustment Current
101
100
10-1
10-2
10-3
10
100
1k
10k 100k 1M
Frequency (Hz)
Output Impedance
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
0.5 1.0 1.5 2.0 2.5 3.0
Output Current (A)
Dropout Voltage
100
80
60
40
20
0
0
-10
-20
-30
-40
Output Voltage (V)
Ripple Rejection
0.8
0.4
0
-0.4
-0.8
0
0.8
1.6
2.4
3.2
4.0
Output Current (A)
Load Regulation*
T
J = -55°C
T
J = -25°C
T
J = -150°C
T
J = -55°C
T
J = 25°C
T
J = 150°C
C
ADJ = 0
C
ADJ = 0
V
IN = -15 V
V
OUT = -10 V
V
IN = -15V
V
OUT = -10V
I
L = 500mA
T
J = 25°C
C
L = 1µF
V
OUT = -10V
I
L = 50mA
T
J = 25°C
C
L = 1µF
V
IN = -15V
V
OUT = -10V
I
L = 50mA
T
J = 25°C
C
L = 1µF
C
ADJ = 10µF
f = 120Hz, T
J = 25°C
V
IN = -15 V
V
OUT = -10 V
I
L = 500mA, TJ = 25°C
V
IN - VOUT = 5 V
I
L = 500 mA
f = 120Hz, T
J = 25°C
C
ADJ = 10µF
C
ADJ = 0
C
ADJ = 10µF
C
ADJ = 0
C
ADJ = 0
C
ADJ = 0
C
ADJ = 10µF
C
ADJ = 10µF
C
ADJ = 10µF


Similar Part No. - OM7611ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7611ST ETC-OM7611ST Datasheet
52Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
More results

Similar Description - OM7611ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7611ST ETC-OM7611ST Datasheet
52Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM7604ST ETC-OM7604ST Datasheet
44Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM7800IH IRF-OM7800IH Datasheet
39Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7900IH ETC1-OM7900IH Datasheet
57Kb / 5P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE NEGATIVE REGULATORS
OM1815STM ETC2-OM1815STM Datasheet
34Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com