Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD6414AN Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD6414AN
Description  N-Channel Power MOSFET 100 V, 32 A, 37 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD6414AN Datasheet(HTML) 6 Page - ON Semiconductor

  NTD6414AN Datasheet HTML 1Page - ON Semiconductor NTD6414AN Datasheet HTML 2Page - ON Semiconductor NTD6414AN Datasheet HTML 3Page - ON Semiconductor NTD6414AN Datasheet HTML 4Page - ON Semiconductor NTD6414AN Datasheet HTML 5Page - ON Semiconductor NTD6414AN Datasheet HTML 6Page - ON Semiconductor NTD6414AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTD6414AN, NVD6414AN
http://onsemi.com
6
PACKAGE DIMENSIONS
DPAK (SINGLE GUAGE)
CASE 369AA−01
ISSUE B
b
D
E
b3
L3
L4
b2
e
M
0.005 (0.13)
C
c2
A
c
C
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
D
0.235
0.245
5.97
6.22
E
0.250
0.265
6.35
6.73
A
0.086
0.094
2.18
2.38
b
0.025
0.035
0.63
0.89
c2
0.018
0.024
0.46
0.61
b2
0.030
0.045
0.76
1.14
c
0.018
0.024
0.46
0.61
e
0.090 BSC
2.29 BSC
b3
0.180
0.215
4.57
5.46
L4
−−−
0.040
−−−
1.01
L
0.055
0.070
1.40
1.78
L3
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. THERMAL PAD CONTOUR OPTIONAL WITHIN DI-
MENSIONS b3, L3 and Z.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL
NOT EXCEED 0.006 INCHES PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
12
3
4
5.80
0.228
2.58
0.102
1.60
0.063
6.20
0.244
3.00
0.118
6.17
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
H
0.370
0.410
9.40
10.41
A1 0.000
0.005
0.00
0.13
L1
0.108 REF
2.74 REF
L2
0.020 BSC
0.51 BSC
A1
H
DETAIL A
SEATING
PLANE
A
B
C
L1
L
H
L2
GAUGE
PLANE
DETAIL A
ROTATED 90 CW
5
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN


Similar Part No. - NTD6414AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6414AN ONSEMI-NTD6414AN Datasheet
142Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m廓
November, 2009 ??Rev. 0
NTD6414AN ONSEMI-NTD6414AN Datasheet
107Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 2
NTD6414AN-1G ONSEMI-NTD6414AN-1G Datasheet
142Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m廓
November, 2009 ??Rev. 0
NTD6414AN-1G ONSEMI-NTD6414AN-1G Datasheet
107Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 2
NTD6414ANT4G ONSEMI-NTD6414ANT4G Datasheet
142Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m廓
November, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com