Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5807N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD5807N
Description  Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5807N Datasheet(HTML) 3 Page - ON Semiconductor

  NTD5807N Datasheet HTML 1Page - ON Semiconductor NTD5807N Datasheet HTML 2Page - ON Semiconductor NTD5807N Datasheet HTML 3Page - ON Semiconductor NTD5807N Datasheet HTML 4Page - ON Semiconductor NTD5807N Datasheet HTML 5Page - ON Semiconductor NTD5807N Datasheet HTML 6Page - ON Semiconductor NTD5807N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTD5807N, NVD5807N
http://onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
3.0 V
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
6
5
4
3
2
1
0
0
5
10
15
25
35
40
45
6
5
4
3
2
0
20
30
50
Figure 3. On−Resistance vs. Drain Current
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
ID, DRAIN CURRENT (A)
25
20
15
10
5
0.015
0.017
0.019
0.021
0.023
0.025
45
35
30
25
15
10
5
0.018
0.022
0.026
0.030
0.034
0.038
0.040
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
75
50
25
0
−25
−50
0.7
0.8
0.9
1.2
1.3
1.4
1.6
1.8
42
32
22
12
2
0.1
1.0
10
100
10,000
20
10 V
4.5 V
VGS = 5 V
4.2 V
4.0 V
3.8 V
3.4 V
TJ = 25°C
10
40
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 150°C
VGS = 10 V
TJ = 25°C
0.020
0.024
0.028
0.032
0.036
0.016
VGS = 4.5 V
TJ = 25°C
VGS = 10 V
125
150
175
1.0
1.1
1.5
1.7
VGS = 10 V
ID = 5 A
TJ = 25°C
TJ = 150°C
VGS = 0 V
30
20
40
1,000


Similar Part No. - NTD5807N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5807N ONSEMI-NTD5807N Datasheet
138Kb / 6P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2
logo
SHENZHEN DOINGTER SEMIC...
NTD5807N DOINGTER-NTD5807N Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
ON Semiconductor
NTD5807NG ONSEMI-NTD5807NG Datasheet
138Kb / 6P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2
NTD5807NT4G ONSEMI-NTD5807NT4G Datasheet
138Kb / 6P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2
More results

Similar Description - NTD5807N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5807N ONSEMI-NTD5807N Datasheet
138Kb / 6P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD5806N ONSEMI-NTD5806N Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com