Electronic Components Datasheet Search |
|
PX0709S06 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
PX0709S06 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 9 page www.bulgin.com 33 BUCCANEER FOR POWER bulgin a brand of Elektron Technology Standard Buccaneer® SPECIFICATION Electrical: No. Poles: 2, 3 4 6, 7 9 12 25 Current Rating: VDE, UL, CCC 12A 10A 5A 5A 5A 1A CSA 10A 6A 3A 5A 5A 1A Voltage Rating (ac/dc): 277V 277V 277V 150V 50V 50V Contact Resistance: <10m (2-9 Pole) <5m (12 Pole) <5m (25 Pole) Insulation Resistance: >104M @ 500V d.c. (2-9 Pole) AC Breakdown voltage: 4kV Pole - Pole (2-9 Pole) 6kV Poles - Panel (Low Profile Flange and Panel Types – 2-9 Pole) 7.5kV Poles - Panel (Other Types – 2-9 Pole) Operating Temp. Range: –20°C to +70°C Approvals: UL E93288 CSA LR80968-30 VDE 40023148 CCC 2011010203500391 – 1 Amp Rated 2011010203500393 – 5 Amp Rated 2011010203500394 – 11 Amp Rated 2011010203500395 – 12 Amp Rated Overmoulded cable assemblies approvals to customer requirements. Material: Body Mouldings: Glass Filled Polyamide UL94HB Inserts (2-25 pole): Polyamide UL94V-0 PX0707 Polyamide UL94V-0 PX0708 Polyamide UL94V-0 PX0709 Polyamide UL94V-0 Overmoulded types: Body Mouldings: Polyurethane Flammability Rating: UL94V-HB Contacts: Screw Terminal: Brass, Nickel Plated Crimp (9 pole): Copper Alloy, Tin Plated Crimp/Solder (12 +25 Pole): Copper Alloy, Gold Plated (0.1µm on Nickel) BNC inserts: Brass, Nickel Plated BNC contacts: Brass, Silver Plated Compliant Mechanical: Sealing: IP68, BS 5490 : 1977 Tested @ 1.054kg/sq.cm. (15lb/sq.in.) 10m depth for 2 weeks. BSEN 60529 : 1992 Tested @ 9.84kg/sq.cm. (140lb/sq.in.) 100m depth for 12 hours. IP69K, DIN 40050-9 Cable Acceptance: 2-12 Pole - standard gland: 6-8mm dia 2-12 Pole - alternative glands: 3.5-9mm dia 25 Pole - standard gland: 7-9mm dim 25 Pole - alternative glands: 3.5-7mm dim BNC 50 : RG 58/CU, URM43 & URM76 BNC 75 : URM70 Contact Accommodation: 2 and 3 pole screw terminals: 4mm2 (12AWG) max 3 pole crimp: 1.0-1.5mm2 (14-18AWG) max 4, 6 and 7 pole: 1.5mm2 (16AWG) max 9 pole: 0.12-0.21mm2 (24-26AWG) 12 pole: 0.32mm2 (22-26AWG) max 25 pole: 0.12-0.21mm2 (24-26AWG) Terminations: 2-7 Pole: Screw Terminals 3 Pole: Screw Terminals & Crimp 9 Pole: Crimp Contacts 12 Pole: Crimp & Solder Contacts 25 Pole: Crimp & Solder Contacts Tightening Torques: Flex Mounting/In-Line: Gland Nut: 1.13Nm (10lbf.in.) Panel Mounting: Rear Fixing Nut: 1.7Nm (15lbf.in.) Front Fixing Nut: 1.7Nm (15lbf.in.) Surface/Bulkhead and Low Profile Flange Mounting: 4 Fixing Screws (using washers supplied) 0.34Nm (3lbf.in.) Sealings Caps/Locking Ring: 1.13Nm (10lbf.in.) Rear thread, Front Panel Connector: M27 x 1.0-6H Thread, Front Panel Connector: M35 x 1.0-6H |
Similar Part No. - PX0709S06 |
|
Similar Description - PX0709S06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |