Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1075 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1075
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1075 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1075 Datasheet HTML 6Page - ON Semiconductor NCP1075 Datasheet HTML 7Page - ON Semiconductor NCP1075 Datasheet HTML 8Page - ON Semiconductor NCP1075 Datasheet HTML 9Page - ON Semiconductor NCP1075 Datasheet HTML 10Page - ON Semiconductor NCP1075 Datasheet HTML 11Page - ON Semiconductor NCP1075 Datasheet HTML 12Page - ON Semiconductor NCP1075 Datasheet HTML 13Page - ON Semiconductor NCP1075 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
NCP1070, NCP1071, NCP1072, NCP1075, NCP1076, NCP1077
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 16. Fmin vs. Temperature
Figure 17. tSCP vs. Temperature
Figure 18.
trecovery vs. Temperature
Figure 19. IOVP vs. Temperature
Figure 20. VHV(EN) vs. Temperature
−50
−25
0
25
50
75
100
125
TEMPERATURE (°C)
29
28
27
26
25
24
23
22
21
−50
−25
0
25
50
75
100
125
TEMPERATURE (°C)
65
60
55
50
45
40
−50
−25
0
25
50
75
100
125
TEMPERATURE (°C)
510
490
470
450
430
410
390
370
350
−50
−25
0
25
50
75
100
125
TEMPERATURE (°C)
10
9.5
9.0
8.5
8.0
7.5
7.0
−50
−25
0
25
50
75
100
125
TEMPERATURE (°C)
110
105
100
95
90
85
80


Similar Part No. - NCP1075

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1075 ONSEMI-NCP1075 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075 ONSEMI-NCP1075 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1075AAP065G ONSEMI-NCP1075AAP065G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1075AAP100G ONSEMI-NCP1075AAP100G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
More results

Similar Description - NCP1075

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com