Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1072 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1072
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1072 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1072 Datasheet HTML 2Page - ON Semiconductor NCP1072 Datasheet HTML 3Page - ON Semiconductor NCP1072 Datasheet HTML 4Page - ON Semiconductor NCP1072 Datasheet HTML 5Page - ON Semiconductor NCP1072 Datasheet HTML 6Page - ON Semiconductor NCP1072 Datasheet HTML 7Page - ON Semiconductor NCP1072 Datasheet HTML 8Page - ON Semiconductor NCP1072 Datasheet HTML 9Page - ON Semiconductor NCP1072 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
NCP1070, NCP1071, NCP1072, NCP1075, NCP1076, NCP1077
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 8 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
CURRENT COMPARATOR
IIPKSW
Final switch current with a primary slope of 200 mA/ms,
FSW =100 kHz (Note 3)
NCP1070
NCP1071
NCP1072
NCP1075
NCP1076
NCP1077
309
415
293
500
706
845
mA
IIPKSW
Final switch current with a primary slope of 200 mA/ms,
FSW =130 kHz
NCP1070 (Note 4)
NCP1071 (Note 4)
NCP1072 (Note 4)
NCP1075
NCP1076 (Note 4)
NCP1077 (Note 4)
303
407
291
493
684
814
mA
TSS
Soft−start duration (guaranteed by design)
1
ms
Tprop
Propagation delay from current detection to drain OFF state
100
ns
INTERNAL OSCILLATOR
fOSC
Oscillation frequency, 65 kHz version, Tj = 25°C (Note 5)
59
65
71
kHz
fOSC
Oscillation frequency, 100 kHz version, Tj = 25°C (Note 5)
90
100
110
kHz
fOSC
Oscillation frequency, 130 kHz version, Tj = 25°C (Note 4 et 5)
117
130
143
kHz
fjitter
Frequency jittering in percentage of fOSC
±6
%
fswing
Jittering swing frequency
300
Hz
Dmax
Maximum duty−cycle
NCP1070/71/72/75
NCP1076/77
62
65
68
69
72
73
%
FEEDBACK SECTION
IFBfault
FB current for which Fault is detected
4
−35
mA
IFB100%
FB current for which internal current set−point is 100% (IIPK(0))
4
−44
mA
IFBFreeze
FB current for which internal current set−point is IFreeze
4
−90
mA
VFB(REF)
Equivalent pull−up voltage in linear regulation range
(Guaranteed by design)
4
3.3
V
RFB(up)
Equivalent feedback resistor in linear regulation range
(Guaranteed by design)
4
19.5
kW
FREQUENCY FOLDBACK & SKIP
IFBfold
Start of frequency foldback feedback level
4
−68
mA
IFBfold(end)
End of frequency foldback feedback level, Fsw = Fmin
4
−100
mA
Fmin
The frequency below which skip−cycle occurs
21
25
29
kHz
IFBskip
The feedback level to enter skip mode
4
−120
mA
IFreeze
Internal minimum current setpoint (IFB = IFBFreeze)
NCP1070
NCP1071
NCP1072
NCP1075
NCP1076
NCP1077
88
123
88
168
228
280
mA
3. The final switch current is: IIPK(0) / (Vin/LP + Sa) x Vin/LP + Vin/LP x tprop, with Sa the built−in slope compensation, Vin the input voltage, LP
the primary inductor in a flyback, and tprop the propagation delay.
4. NCP1070/71/72/76/77 130 kHz on demand only.
5. Oscillator frequency is measured with disabled jittering.


Similar Part No. - NCP1072

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072P065G ONSEMI-NCP1072P065G Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1072P100BG ONSEMI-NCP1072P100BG Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1072P100G ONSEMI-NCP1072P100G Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
More results

Similar Description - NCP1072

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com