Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1071 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1071
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1071 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1071 Datasheet HTML 7Page - ON Semiconductor NCP1071 Datasheet HTML 8Page - ON Semiconductor NCP1071 Datasheet HTML 9Page - ON Semiconductor NCP1071 Datasheet HTML 10Page - ON Semiconductor NCP1071 Datasheet HTML 11Page - ON Semiconductor NCP1071 Datasheet HTML 12Page - ON Semiconductor NCP1071 Datasheet HTML 13Page - ON Semiconductor NCP1071 Datasheet HTML 14Page - ON Semiconductor NCP1071 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
NCP1070, NCP1071, NCP1072, NCP1075, NCP1076, NCP1077
http://onsemi.com
11
APPLICATION INFORMATION
Introduction
The NCP107x offers a complete current−mode control
solution. The component integrates everything needed to
build a rugged and low−cost Switch−Mode Power Supply
(SMPS) featuring low standby power. The Quick Selection
Table on page 2 details the differences between references,
mainly peak current setpoints and operating frequency.
Current−mode operation: the controller uses
current−mode control architecture.
700 V Power MOSFET: Due to ON Semiconductor
Very High Voltage Integrated Circuit technology, the
circuit hosts a high
*voltage power MOSFET featuring
a 22/11/4.7
W RDS(on) – TJ = 25°C. This value lets the
designer build a power supply up to respectively
7.75 W, 10 W and 15 W operated on universal mains.
An internal current source delivers the startup current,
necessary to crank the power supply.
Dynamic Self−Supply: Due to the internal high voltage
current source, this device could be used in the
application without the auxiliary winding to provide
supply voltage.
Short circuit protection: by permanently monitoring the
feedback line activity, the IC is able to detect the
presence of a short−circuit, immediately reducing the
output power for a total system protection. A tSCP timer
is started as soon as the feedback current is below
threshold, IFB(fault), which indicates the maximum peak
current. If at the end of this timer the fault is still
present, then the device enters a safe, auto−recovery
burst mode, affected by a fixed timer recurrence,
trecovery. Once the short has disappeared, the controller
resumes and goes back to normal operation.
Built−in VCC Over Voltage Protection: when the
auxiliary winding is used to bias the VCC pin (no DSS),
an internal active clamp connected between VCC and
ground limits the supply dynamics to VCC(clamp). In
case the current injected in this clamp exceeds a level
of 6.0 mA (minimum), the controller immediately stops
switching and waits a full timer period (trecovery) before
attempting to restart. If the fault is gone, the controller
resumes operation. If the fault is still there, e.g. a
broken opto−coupler, the controller protects the load
through a safe burst mode.
Line detection: An internal comparator monitors the
drain voltage as recovering from one of the following
situations:
Short Circuit Protection,
VCC OVP is confirmed,
UVLO
TSD
If the drain voltage is lower than the internal threshold
(VHV(EN)), the internal power switch is inhibited. This
avoids operating at too low ac input. This is also called
brown−in function in some fields.
Frequency jittering: an internal low−frequency
modulation signal varies the pace at which the
oscillator frequency is modulated. This helps spreading
out energy in conducted noise analysis. To improve the
EMI signature at low power levels, the jittering remains
active in frequency foldback mode.
Soft−Start: a 1 ms soft−start ensures a smooth startup
sequence, reducing output overshoots.
Frequency foldback capability: a continuous flow of
pulses is not compatible with no−load/light−load
standby power requirements. To excel in this domain,
the controller observes the feedback current
information and when it reaches a level of IFBfold, the
oscillator then starts to reduce its switching frequency
as the feedback current continues to increase (the power
demand continues to reduce). It can go down to 25 kHz
(typical) reached for a feedback level of IFBfold(end)
(100
mA roughly). At this point, if the power continues
to drop, the controller enters classical skip−cycle mode.
Skip: if SMPS naturally exhibits a good efficiency at
nominal load, they begin to be less efficient when the
output power demand diminishes. By skipping
un−needed switching cycles, the NCP107x drastically
reduces the power wasted during light load conditions.


Similar Part No. - NCP1071

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1071P065G ONSEMI-NCP1071P065G Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1071P100G ONSEMI-NCP1071P100G Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1071P130G ONSEMI-NCP1071P130G Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1071STAT3G ONSEMI-NCP1071STAT3G Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1071STBT3G ONSEMI-NCP1071STBT3G Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
More results

Similar Description - NCP1071

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com