Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP03WL47305RL Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NCP03WL47305RL
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03WL47305RL Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NCP03WL47305RL Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP03WL47305RL Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP03WL47305RL Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP03WL47305RL Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP03WL47305RL Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03WL47305RL Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03WL47305RL Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03WL47305RL Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03WL47305RL Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
1
2
3
4
5
6
7
8
Part Numbering
2
Basic Characteristics
6
for Temperature Sensor and Compensation 0201 (0603) Size
7
for Temperature Sensor and Compensation 0402 (1005) Size
8
for Temperature Sensor and Compensation 0603 (1608) Size
10
for Temperature Sensor and Compensation 0805 (2012) Size
12
for Temp. Sensor and Compensation Chip Type Standard Land Pattern Dimensions
13
for Temp. Sensor and Compensation Chip Type Temperature Characteristics (Center Value)
14
for Temp. Sensor and Compensation Chip Type !Caution/Notice
18
for Temp. Sensor and Compensation Chip Type Package
22
for Temperature Sensor Thermo String Type
25
for Temperature Sensor Thermo String Type Specifications and Test Methods
26
for Temperature Sensor Lead Type
28
for Temperature Sensor Lead Insulation Type
29
for Temperature Sensor Temperature Characteristics (Center Value)
31
for Temperature Sensor Thermo String Type/Lead Type !Caution/Notice
32
for Temperature Sensor Thermo String Type/Lead Type Package
34
for Inrush Current Suppression Lead Type
35
Current - R Ratio (RT/R25)/Current - Temperature Characteristics (Typical)
37
for Inrush Current Suppression Lead Type !Caution/Notice
41
for Inrush Current Suppression Lead Type Package
43
1
2
3
4
5
6
7
8
CONTENTS
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R44E.pdf
10.2.22


Similar Part No. - NCP03WL47305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WL47305RL MURATA-NCP03WL47305RL Datasheet
1Mb / 44P
   NTC Thermistors
NCP03WL47305RL MURATA-NCP03WL47305RL Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03WL47305RL MURATA-NCP03WL47305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03WL47305RL MURATA-NCP03WL47305RL Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
More results

Similar Description - NCP03WL47305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
R44E MURATA-R44E Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XV103J03RB MURATA-NCP18XV103J03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NTSA0XR502EE1B0 MURATA-NTSA0XR502EE1B0 Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com