Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZ13725T0050G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CZ13725T0050G
Description  Surface Mount Chip Terminations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CZ13725T0050G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CZ13725T0050G Datasheet HTML 1Page - List of Unclassifed Manufacturers CZ13725T0050G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A T C
H I G H
P O W E R
R E S I S T I V E
P R O D U C T S
A M E R I C A N
T E C H N I C A L
C E R A M I C S
w
w
w
.
a
t
c
e
r
a
m
i
c
s
.
c
o
m
ATC North America
ATC Europe
ATC Asia
+1-631-622-4700 sales@atceramics.com
+46 8 6800410 sales@atceramics-europe.com
+86-755-2396-8759 sales@atceramics-asia.com
Surface Mount
Chip Terminations
Style CZ
General Specifications
Nominal Impedence: 50
Ω
Resistive Tolerance:
±2% standard
Operating Temp Range:
-55 to +150˚C
Temperature Coefficient:
±150 ppm/˚C
Resistive Elements:
Tantalum, Thin Film Processed
Substrate Material:
Aluminum Nitride
Terminals: Silver over Nickel
Lead-Free, RoHS Compliant
Reliability: MIL-PRF-55342
Tape and Reel Specifications:
See ATC #001-1067
CZ13725T0050G
CZ13737T0050G
* Test Condition: Chip soldered to a via patch on a 30-mil-thick Rogers RO4350 board; Land surfaces at 100° C; maximum rated power applied.
Specification: The resistance of the film shall change no more than 0.5% during and after a 1000-hr. Burn-in per Mil-PRF-55342.
ATC Part Number
W
±.010
L
±.010
T
±.005
LT
±.005
WT
±.005
LA
±.005
Frequency
Range (GHz)
VSWR
(Typ.)
Power Max*
(Watts)
CZ13725T0050G
.250
.375
.040
.050
.125
.260
DC - 2.2
1.20:1
30W
CZ13737T0050G
.370
.370
.040
.050
.125
.275
DC - 3.0
1.25:1
40W
0
20
40
60
80
100%
+25˚C
-25˚C
0˚C
-50˚C
150˚C
125˚C
100˚C
75˚C
+50˚C
HeatSinkTemperature(°C)
Rated Safe Operating Range
Power Derating
CZ1 2010 T 0050 J TR
Case Style
Case Size
Termination
Packaging
TR - Tape & Reel
BK - Plastic Carrier
Tolerance
See table below.
Value
ATC Part Number Code
Resistive Tolerances
Code
G (%)
J (%)
Tol.
± 2
± 5
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale (ATC document #001-992 Rev. B; 12/05). Copies of these
terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third
parties which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2003 American Technical Ceramics Corp. All Rights Reserved.
Excerpt from ATC # 001-944; Rev. O, 12/10


Similar Part No. - CZ13725T0050G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CZ13725T0050G ETC2-CZ13725T0050G Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
More results

Similar Description - CZ13725T0050G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
logo
Anaren Microwave
RFP-250375-4Z50-2 ANAREN-RFP-250375-4Z50-2 Datasheet
504Kb / 2P
   Surface Mount Terminations
logo
Kemet Corporation
C0805X474K3RACTU KEMET-C0805X474K3RACTU Datasheet
119Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
C0603X224K3RAC KEMET-C0603X224K3RAC Datasheet
113Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
logo
Anaren Microwave
RFP-250250-4Z50-2 ANAREN-RFP-250250-4Z50-2 Datasheet
506Kb / 2P
   Surface Mount Terminations 16 Watts, 50ohm
RFP-375375-6Z50-2 ANAREN-RFP-375375-6Z50-2 Datasheet
501Kb / 2P
   Surface Mount Terminations 30 Watts, 50ohm
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
   Chip Terminations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com