Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5267-06A Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5267-06A
Description  2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 6 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5267-06A Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5267-06A Datasheet HTML 1Page - Molex Electronics Ltd. 5267-06A Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-03-5065
Status:
Active
Overview:
SPOX™ Wire-to-Board Connectors
Description:
2.50mm Pitch SPOX™ Wire-to-Board Header, Vertical, Shrouded, 6 Circuits, Tin (Sn)
Plating
Documents:
3D Model
Packaging Specification SPK-5267-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5264-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
5267
Application
Signal, Wire-to-Board
MolexKits
Yes
Overview
SPOX™ Wire-to-Board Connectors
Product Name
SPOX™
UPC
800753591523
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
532.600/mg
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.50mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.50mm
Plating min - Mating
4.064µm
Plating min - Termination
4.064µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5267Series
Mates With
5264 SPOX™ Wire-to-Board Crimp
Housing, 42219 SPOX™ IDT Receptacle
Housing


Similar Part No. - 5267-06A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5267-06A MOLEX2-5267-06A Datasheet
108Kb / 3P
   2.50mm (.098) Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 6 Circuits, Tin (Sn) Plating
5267-06A-X MOLEX3-5267-06A-X Datasheet
103Kb / 3P
   2.50mm (.098") Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 6 Circuits, Tin (Sn) Plating
5267-06A-X MOLEX11-5267-06A-X Datasheet
36Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 6 Circuits, Tin (Sn) Plating, with Swaged PC Tails
More results

Similar Description - 5267-06A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022035065 MOLEX1-0022035065_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 6 Circuits, Tin (Sn) Plating
0022035065 MOLEX2-0022035065 Datasheet
108Kb / 3P
   2.50mm (.098) Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 6 Circuits, Tin (Sn) Plating
0099990990 MOLEX3-0099990990 Datasheet
103Kb / 3P
   2.50mm (.098") Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 6 Circuits, Tin (Sn) Plating
0022035045 MOLEX1-0022035045_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn)
0022035155 MOLEX1-0022035155_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn)
0099990996 MOLEX1-0099990996_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 12 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 12 Circuits, Tin (Sn)
0099990987 MOLEX1-0099990987_17 Datasheet
29Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn)
22-03-5095 MOLEX11-22-03-5095 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 9 Circuits, Tin (Sn) Plating
22-03-5145 MOLEX11-22-03-5145 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 14 Circuits, Tin (Sn) Plating
22-03-5025 MOLEX11-22-03-5025 Datasheet
36Kb / 3P
   2.50mm Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded, 2 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com