Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0603 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CR0603
Description  CR0603/CR0805/CR1206 - Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0603 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CR0603 Datasheet HTML 1Page - Bourns Electronic Solutions CR0603 Datasheet HTML 2Page - Bourns Electronic Solutions CR0603 Datasheet HTML 3Page - Bourns Electronic Solutions CR0603 Datasheet HTML 4Page - Bourns Electronic Solutions CR0603 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CR0603/CR0805/CR1206 - Chip Resistors
Performance Characteristics (Tests According to MIL-STD-202, MIL-R-55342B, EIA RS-396)
Deviation from Nominal
Test
Procedure
Method
Specification
1 %
5 %
DC Resistance
MIL-STD-202 303
MIL-R-55342D 4.7.2
F:
≤±1 %
≤±5.0 %
EIA RS-396 4.4
Thermal Shock
-40 °C, 60 minutes;
MIL-STD-202 107
MIL-R-55342D 4.7.3
≤±0.5 % +0.05 W
≤±1 % +0.05 W
+125 °C, 60 minutes
EIA RS-396 4.5
Low Temperature
-55 °C, 1 hour off;
MIL-R-55342D 4.7.4
MIL-R-55342D 4.7.4
≤±0.5 % 0.05 W
≤±1.0 % +0.05 W
Operation
45 minutes on
EIA RS-396 4.6
Short Time
Rated Voltage x 2.5;
MIL-R-55342D 4.7.5
MIL-R-55342D 4.7.5
≤±1 % +0.05 W
≤±2.0 % +0.05 W
Overload
5 seconds
EIA RS-396 4.7
CR0603: 100 V max.
CR0805; 300 V max.
CR1206: 400 V max.
High Temperature
+125 °C; 1000 hours
MIL-R-55342D 4.7.6
MIL-R-55342D 4.7.6
≤±1.0 % +0.05 W
≤+2.0 % +0.1 W
Exposure
EIA RS-396 4.8
Resistance to
260 °C, 10 seconds
MIL-R-55342D 4.7.7
MIL-R-55342D 4.7.7
≤±0.5 % +0.05 W
≤±1.0 % +0.05 W
Soldering Heat
Moisture
90-98 %RH; 10 cycles
MIL-STD-202 106D
MIL-R-55342D 4.7.8
≤±0.5 % +0.05 W
≤±2.0 % +0.05 W
Resistance
EIA RS-396 4.9
Load Life
+70 °C; 1.5 hours on,
MIL-STD-202 108
MIL-R-55342D 4.7.10
≤±1.0 % +0.05 W
≤±3.0 % +0.1 W
1000 Hours
0.5 hours off;
Condition D
1000 hours
EIA RS-396 4.12
Solderability
+235 °C; 3 seconds
MIL-STD-202 208
MIL-R-55342D 4.7.11
≥95 % of area
≥95 % of area
EIA RS-396 4.11
covered
covered
Terminal Strength
Pull Test
MIL-R-55342D 4.7.12
MIL-R-55342D 4.7.12
≥500 g
≥500 g
Current Noise
Quan-Tech Model 315B
MIL-STD-202 308
MIL-R-55342D 6.6
R
≤1k W; max. 1 mV/V
R
≤1k W; max. 1 mV/V
R
≤10k W; max. 3 mV/V
R
≤10k W; max. 3 mV/V
R
≤100k W; max. 6 mV/V
R
≤100k W; max. 6 mV/V
R
≤1M W; max. 10 mV/V
R
≤2M W; max. 10 mV/V
Humidity,
+40 °C; 90-95 % RH,
MIL-STD-202 103B
≤±2.5 % +0.05 W
≤±2.5 % +0.05 W
Steady State
1344 Hours
Condition D
Salt Spray
96 hours
MIL-STD-202 101D
≤±1.0 % +0.2 W
≤±1.0 % +0.1 W
Condition A
Vibration
10-2000 Hz, 6 hours
MIL-STD-202 201A
≤±0.5 % +0.1 W
≤±1.0 % +0.1 W
Voltage Coefficient
MIL-STD-202 309
≤100 ppm/V
≤100 ppm/V
Insulation
Test Potential 500V
MIL-STD-202 302
≥103M W
≥103M W
Resistance
CR0603: 100V
Condition B
Dielectric
MIL-STD-202 301
≥500 V (CR1206, CR0805)
Withstanding
≥300 V (CR0603)
Voltage
Drop Test
1 m
MIL-STD-202 203B
≤±0.5 % +0.1 W
≤±1.0 % +0.1 W
Bending Test
5 mm/90 mm; 10 sec.
≤±1 % +0.05 W
≤±1.0 % +0.05 W
Sulphur Test*
50 °C H2S 3PPM 95 %
≤±1 % +0.05 W
≤±1.0 % +0.05 W
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - CR0603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR0603 ETC1-CR0603 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
354Kb / 5P
   Chip Resistors
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR0603 BOURNS-CR0603 Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603 BOURNS-CR0603 Datasheet
218Kb / 5P
   Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability
More results

Similar Description - CR0603

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0805-FX-4751ELF BOURNS-CR0805-FX-4751ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CHPREZTR BOURNS-CHPREZTR Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-3300ELF BOURNS-CR0805-FX-3300ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-JW-103E BOURNS-CR0603-JW-103E Datasheet
180Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR1206-FX-1500ELF BOURNS-CR1206-FX-1500ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-JW-103ELF BOURNS-CR0805-JW-103ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-121ELF BOURNS-CR0603-121ELF Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-8200GLF BOURNS-CR0805-FX-8200GLF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-33R0ELF BOURNS-CR0805-33R0ELF Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR1206-FX-1501ELF BOURNS-CR1206-FX-1501ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com