Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MABA-009298-CT48A0 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part No. MABA-009298-CT48A0
Description  Transformer, 4:1 Flux coupled balun transformer
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MABA-009298-CT48A0 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transformer, 4:1 Flux coupled balun transformer
1 to 650 MHz
M/A-COM Products
Released, Rev. V1
MABA-009298-CT48A0
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves: TA = 25°C, Z0 = 50Ω
Insertion Loss 2: coupled pin 4 to pin 1
Insertion Loss 1: through pin 4 to pin 3
Phase Balance
Amplitude Balance
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1
109
217
325
433
542
650
Frequency (MHz)
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1
109
217
325
433
542
650
Frequency (MHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1
109
217
325
433
542
650
Frequency (MHz)
170
172
174
176
178
180
182
184
186
188
190
1
109
217
325
433
542
650
Frequency (MHz)
Input Return Loss
-25
-20
-15
-10
-5
0
1
109
217
325
433
542
650
Frequency (MHz)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn