Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT1339-31DVGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT1339-31DVGI
Description  REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT1339-31DVGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT1339-31DVGI Datasheet HTML 4Page - Integrated Device Technology IDT1339-31DVGI Datasheet HTML 5Page - Integrated Device Technology IDT1339-31DVGI Datasheet HTML 6Page - Integrated Device Technology IDT1339-31DVGI Datasheet HTML 7Page - Integrated Device Technology IDT1339-31DVGI Datasheet HTML 8Page - Integrated Device Technology IDT1339-31DVGI Datasheet HTML 9Page - Integrated Device Technology IDT1339-31DVGI Datasheet HTML 10Page - Integrated Device Technology IDT1339-31DVGI Datasheet HTML 11Page - Integrated Device Technology IDT1339-31DVGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
IDT1339
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RTC
IDT®
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
8
IDT1339
REV S 031014
Table 4. Alarm Mask Bits
Special-Purpose Registers
The IDT1339 has two additional registers (control and status) that control the RTC, alarms, and square-wave output.
Control Register (0Eh)
Bit 7: Enable Oscillator (EOSC). This bit when set to logic 0 starts the oscillator. When this bit is set to a logic 1,
the oscillator is stopped. This bit is enabled (logic 0) when power is first applied.
Bit 5: Battery-Backed Square-Wave and Interrupt Enable (BBSQI). This bit when set to a logic 1 enables the
square wave or interrupt output when VCC is absent and the IDT1339 is being powered by the VBACKUP pin. When
BBSQI is a logic 0, the SQW/INT pin goes high impedance when VCC falls below the power-fail trip point. This bit is
disabled (logic 0) when power is first applied.
Bits 4 and 3: Rate Select (RS2 and RS1). These bits control the frequency of the square-wave output when the
square wave has been enabled. Table 5 shows the square-wave frequencies that can be selected with the RS bits.
These bits are both set to logic 1 (32 kHz) when power is first applied.
DY/DT
Alarm 1 Register Mask Bits (Bit 7)
Alarm Rate
A1M4
A1M3
A1M2
A1M1
X
1111
Alarm once per second.
X
1110
Alarm when seconds match.
X
1100
Alarm when minutes and seconds match.
X
1000
Alarm when hours, minutes, and seconds match.
0
0000
Alarm when date, hours, minutes, and seconds match.
1
0000
Alarm when day, hours, minutes, and seconds match.
DY/DT
Alarm 2 Register Mask Bits (Bit 7)
Alarm Rate
A2M4
A2M3
A2M2
X
1
1
1
Alarm once per minute (00 sec. of every min.).
X
1
1
0
Alarm when minutes match.
X
1
0
0
Alarm when hours and minutes match.
0
0
0
0
Alarm when date, hours, and minutes match.
1
0
0
0
Alarm when day, hours, and minutes match.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EOSC
0
BBSQI
RS2
RS1
INTCN
A2IE
A1IE


Similar Part No. - IDT1339-31DVGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
More results

Similar Description - IDT1339-31DVGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com