Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCV850IDGGRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCV850IDGGRG4
Description  2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV850IDGGRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCV850IDGGRG4 Datasheet HTML 3Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 4Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 5Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 6Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 7Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 8Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 9Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 10Page - Texas Instruments CDCV850IDGGRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CDCV850
2.5-V PHASE LOCK LOOP CLOCK DRIVER
WITH 2-LINE SERIAL INTERFACE
SCAS647D − OCTOBER 2000 − REVISED APRIL 2013
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of operating free-air temperature (unless
otherwisw noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
Propagation delay time
Test mode/CLK to any output
4
ns
tPHL
High-to low-level propagation delay time
SCLK to SDATA (acknowledge)
500{
ns
ten
Output enable time
Test mode/SDATA to Y-output
85
ns
tdis
Output disable time
Test mode/SDATA to Y-output
35
ns
tjit(per)
Jitter (period), See Figure 6
100/133 MHz
−30
30
ps
tjit(cc)
Jitter (cycle-to-cycle), See Figure 3
100/133 MHz
−30
30
ps
tjit(hper)
Half-period jitter, See Figure 7
100/133 MHz
−75
75
ps
100 MHz/VID on CLK = 0.71 V}
−120
120
0°C to 85°C
100 MHz/VID on CLK = 0.59 Vw
−50
160
ps
0°C to 85°C
100 MHz/VID on CLK = 0.82 VW
−170
70
ps
t
Static phase offset See Figure 4a
133 MHz/VID on CLK = 0.71 VW
−50
180
t(∅)
Static phase offset, See Figure 4a
100 MHz/VID on CLK = 0.71 V}
−160
80
40°C to 85°C
100 MHz/VID on CLK = 0.59 Vw
−90
120
ps
−40°C to 85°C
100 MHz/VID on CLK = 0.82 VW
−210
30
ps
133 MHz/VID on CLK = 0.71 VW
−80
150
Dynamic phase offset, SSC on, See Figure 4b and 100 MHz/VID on CLK = 0.71 V}
−190
190
ps
td #
Dynamic phase offset, SSC on, See Figure 4b and
Figure 9
133 MHz/VID on CLK = 0.71 V}
−140
140
ps
td(∅)#
Dynamic phase offset SSC off See Figure 4b
100 MHz/VID on CLK = 0.71 V}
−160
160
ps
Dynamic phase offset, SSC off, See Figure 4b
133 MHz/VID on CLK = 0.71 V}
−130
130
ps
tslr(o)
Output clock slew rate, terminated with
120Ω/14 pF, See Figures 1 and 8
1
2
V/ns
tslr(o)
Output clock slew rate, terminated with 120Ω/4 pF,
See Figures 1 and 8
1
3
V/ns
tsk(o)⏐⏐
Output skew, See Figure 5
75
ps
SSC modulation frequency
30
33.3
kHz
SSC clock input frequency deviation
0.00
−0.50
%
This time is for a PLL frequency of 100 MHz.
According CK00 spec: 6 x Iref at 50 Ω and Rref = 475 Ω
§ According CK00 spec: 5 x Iref at 50 Ω and Rref = 475 Ω
According CK00 spec: 7 x Iref at 50 Ω and Rref = 475 Ω
# The parameter is assured by design but cannot be 100% production tested.
|| All differential output pins are terminated with 120 Ω/4 pF


Similar Part No. - CDCV850IDGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV850I TI-CDCV850I Datasheet
228Kb / 15P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
More results

Similar Description - CDCV850IDGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV850 TI-CDCV850 Datasheet
228Kb / 15P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com