Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB230 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SB230
Description  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SB230 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SB230 Datasheet HTML 1Page - EIC discrete Semiconductors SB230 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB220 - SB2B0
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 20 - 100 Volts
IO : 2.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low cost
* Low forward voltage drop
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SB
220
SB
230
SB
240
SB
250
SB
260
SB
270
SB
280
SB
290
SB
2B0
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
70
80
90
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
49
56
63
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
70
80
90
100
Volts
Maximum Average Forward Current
0.375", 9.5mm Lead Length See Fig.1
IF(AV)
2.0
Amps.
Peak Forward Surge Current,
8.3ms single half sine wave superimposed
on rated load (JEDEC Method)
IFSM
60
Amps.
Maximum Forward Voltage at IF = 2.0 Amps. (Note 1)
VF
0.5
0.74
0.79
Volt.
Maximum Reverse Current at
Rated DC Blocking Voltage (Note 1)
IR
0.5
mA
Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Pulse Test : Pulse Width = 300
µs, Duty Cycle = 2%.
UPDATE : SEPTEMBER 12, 1998
RATING
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - SB230

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SB230 FORMOSA-SB230 Datasheet
160Kb / 6P
   Axial Leaded Schottky Barrier Rectifier
logo
Pan Jit International I...
SB230 PANJIT-SB230 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Diode Semiconductor Kor...
SB230 DSK-SB230 Datasheet
258Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SB230 DAESAN-SB230 Datasheet
367Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
SAMYANG ELECTRONICS CO....
SB230 SAMYANG-SB230 Datasheet
526Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB230

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com