Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE425S01-T1 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE425S01-T1
Description  C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE425S01-T1 Datasheet(HTML) 3 Page - California Eastern Labs

  NE425S01-T1 Datasheet HTML 1Page - California Eastern Labs NE425S01-T1 Datasheet HTML 2Page - California Eastern Labs NE425S01-T1 Datasheet HTML 3Page - California Eastern Labs NE425S01-T1 Datasheet HTML 4Page - California Eastern Labs NE425S01-T1 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculation:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
NE425S01
VDS = 2 V, ID = 10 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.50
0.998
-6.25
4.353
172.87
0.006
85.38
0.581
-4.35
0.075
28.606
1.00
0.991
-12.36
4.325
166.07
0.013
81.34
0.577
-8.60
0.151
25.220
1.50
0.983
-18.30
4.304
159.56
0.019
77.34
0.571
-12.75
0.200
23.551
2.00
0.973
-24.28
4.300
152.97
0.025
73.13
0.565
-16.87
0.249
22.355
2.50
0.963
-30.28
4.268
146.39
0.030
68.91
0.556
-21.01
0.292
21.531
3.00
0.952
-36.31
4.253
139.87
0.036
65.00
0.546
-25.10
0.325
20.724
3.50
0.936
-42.52
4.228
133.14
0.042
60.80
0.535
-29.22
0.376
20.029
4.00
0.918
-48.91
4.205
126.39
0.047
56.72
0.522
-33.29
0.427
19.517
4.50
0.896
-55.17
4.159
119.62
0.052
52.48
0.506
-37.48
0.489
19.030
5.00
0.864
-61.77
4.099
112.65
0.056
48.56
0.487
-41.54
0.576
18.645
5.50
0.830
-68.21
4.038
105.96
0.060
44.48
0.466
-45.70
0.662
18.280
6.00
0.796
-74.65
3.970
99.70
0.064
40.77
0.445
-49.87
0.736
17.926
6.50
0.762
-81.27
3.888
93.42
0.067
37.05
0.424
-53.98
0.815
17.637
7.00
0.731
-87.80
3.825
87.11
0.070
33.52
0.404
-58.13
0.879
17.375
7.50
0.703
-94.41
3.769
81.02
0.073
30.04
0.384
-62.07
0.933
17.129
8.00
0.675
-101.21
3.708
75.10
0.076
26.89
0.367
-66.26
0.979
16.883
8.50
0.647
-107.84
3.660
68.76
0.078
23.80
0.351
-70.16
1.033
15.596
9.00
0.624
-114.92
3.623
62.69
0.081
20.66
0.334
-73.96
1.063
14.973
9.50
0.597
-122.27
3.586
56.50
0.083
17.61
0.317
-77.74
1.108
14.357
10.00
0.571
-130.41
3.532
49.97
0.085
14.41
0.296
-81.66
1.155
13.796
10.50
0.536
-138.75
3.484
43.60
0.088
11.15
0.275
-85.75
1.204
13.247
11.00
0.501
-147.71
3.434
37.56
0.089
7.98
0.249
-90.60
1.272
12.728
11.50
0.474
-157.02
3.329
31.21
0.091
4.74
0.222
-96.41
1.333
12.179
12.00
0.454
-167.49
3.263
25.00
0.092
1.38
0.196
-102.92
1.381
11.816
12.50
0.440
-178.22
3.208
18.95
0.093
-1.63
0.169
-111.44
1.417
11.536
13.00
0.432
170.87
3.156
13.02
0.094
-4.93
0.146
-122.20
1.442
11.314
14.00
0.430
149.21
3.051
-0.17
0.096
-11.35
0.115
-149.45
1.471
10.957
15.00
0.442
127.80
2.924
-13.75
0.098
-18.32
0.103
175.83
1.491
10.603
16.00
0.466
106.73
2.770
-27.29
0.099
-25.93
0.119
137.09
1.519
10.216
17.00
0.514
87.16
2.610
-40.28
0.100
-33.90
0.166
105.34
1.506
9.963
18.00
0.592
69.36
2.457
-53.68
0.100
-41.97
0.236
85.49
1.418
10.061
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
VDS = 2 V, IDS = 10 mA
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S11
0.5 GHz
S11
18 GHz
S22
0.5 GHz
S22
18 GHz
1.000
2.000
3.000
4.000
90˚
270˚
180˚
225˚
315˚
135˚
45˚
S21
0.5 GHz
S12
18 GHz
0.025 0.050
S21
18 GHz
S12
0.5 GHz


Similar Part No. - NE425S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE425S01-T1 NEC-NE425S01-T1 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01-T1 NEC-NE425S01-T1 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01-T1B NEC-NE425S01-T1B Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01-T1B NEC-NE425S01-T1B Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE425S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com