Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4184 Datasheet(PDF) 7 Page - California Eastern Labs

Part # 2SC4184
Description  NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4184 Datasheet(HTML) 7 Page - California Eastern Labs

  2SC4184 Datasheet HTML 1Page - California Eastern Labs 2SC4184 Datasheet HTML 2Page - California Eastern Labs 2SC4184 Datasheet HTML 3Page - California Eastern Labs 2SC4184 Datasheet HTML 4Page - California Eastern Labs 2SC4184 Datasheet HTML 5Page - California Eastern Labs 2SC4184 Datasheet HTML 6Page - California Eastern Labs 2SC4184 Datasheet HTML 7Page - California Eastern Labs 2SC4184 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE944 SERIES
Coordinates in Ohms
Frequency in GHz
(VCE = 10 V, IC = 5 mA)
50
0.828
-28
10.472
156
0.014
65
0.969
-5
0.36
28.7
100
0.685
-48
8.553
136
0.024
64
0.915
-10
0.45
25.6
200
0.445
-74
5.730
115
0.035
59
0.840
-12
0.72
22.2
400
0.347
-105
3.358
95
0.055
62
0.790
-16
0.96
17.9
600
0.302
-128
2.394
83
0.073
61
0.773
-19
1.06
13.7
800
0.285
-146
1.877
72
0.089
63
0.763
-23
1.11
11.2
1000
0.278
-161
1.558
63
0.105
64
0.758
-27
1.13
9.5
1200
0.278
-175
1.337
55
0.121
66
0.756
-32
1.12
8.3
1400
0.281
173
1.178
48
0.139
66
0.754
-36
1.10
7.4
1600
0.286
162
1.055
42
0.158
67
0.753
-41
1.07
6.6
1500
0.295
151
0.959
36
0.178
68
0.752
-45
1.03
6.3
2000
0.304
142
0.882
31
0.202
68
0.748
-50
0.99
6.4
2200
0.317
132
0.813
26
0.225
67
0.744
-55
0.96
5.6
2400
0.329
123
0.753
22
0.254
66
0.737
-60
0.94
4.7
NE94433
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
50
0.932
-14
8.225
165
0.015
65
0.982
-4
0.42
27.4
100
0.857
-29
7.587
151
0.028
64
0.961
-9
0.40
24.4
200
0.710
-51
6.158
130
0.039
64
0.884
-14
0.47
22.0
400
0.478
-79
4.030
104
0.064
59
0.797
-18
0.74
18.0
600
0.366
-98
2.902
88
0.083
58
0.765
-20
0.89
15.4
800
0.308
-114
2.263
77
0.100
58
0.752
-24
0.97
13.5
1000
0.274
-128
1.867
68
0.115
58
0.748
-28
1.01
11.4
1200
0.254
-141
1.595
59
0.130
58
0.746
-31
1.04
9.7
1400
0.242
-155
1.403
52
0.145
58
0.745
-36
1.04
8.6
1600
0.236
-168
1.256
46
0.160
59
0.745
-39
1.03
7.9
1800
0.234
179
1.142
40
0.175
60
0.744
-44
1.01
7.4
2000
0.239
167
1.050
34
0.193
60
0.743
-48
0.98
7.4
2200
0.247
154
0.970
29
0.212
60
0.742
-53
0.95
6.6
VCE = 10 V, lC = 10 mA
50
0.890
-19
10.530
162
0.014
62
0.967
-5
0.44
28.7
100
0.796
-35
9.392
145
0.025
60
0.942
-10
0.46
25.7
200
0.629
-60
7.081
123
0.037
62
0.851
-14
0.55
22.8
400
0.417
-89
4.323
99
0.059
60
0.772
-17
0.81
18.6
600
0.332
-109
3.043
85
0.079
60
0.750
-20
0.92
15.9
800
0.291
-126
2.349
74
0.095
60
0.739
-23
0.99
13.9
1000
0.270
-141
1.927
65
0.109
61
0.738
-27
1.03
11.4
1200
0.258
-155
1.639
57
0.125
61
0.736
-31
1.04
10.0
1400
0.254
-169
1.438
50
0.141
62
0.738
-35
1.02
9.3
1600
0.254
179
1.283
44
0.156
62
0.738
-39
1.00
8.7
1800
0.257
167
1.165
38
0.173
63
0.738
-43
0.98
8.3
2000
0.264
156
1.070
33
0.194
64
0.737
-48
0.94
7.4
2200
0.273
144
0.987
28
0.214
64
0.736
-53
0.91
6.6
2400
0.286
134
0.916
23
0.239
63
0.732
-57
0.87
5.8
VCE = 10 V, IC = 20 mA
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S22
2.4 GHz
S22
.05 GHz
S11
2.4 GHz
S11
.05 GHz
120˚
90˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
.25
.2
10
4
6
8
S12
2.4 GHz
S12
0.5 GHz
.15
60˚
S21
0.5 GHz
S21
2.4 GHz
.1


Similar Part No. - 2SC4184

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4184 RENESAS-2SC4184 Datasheet
201Kb / 8P
   SILICON TRANSISTOR
1996
More results

Similar Description - 2SC4184

ManufacturerPart #DatasheetDescription
logo
NEC
NE944 NEC-NE944 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94433-T1B-A NEC-NE94433-T1B-A Datasheet
61Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
ON Semiconductor
NSF2250WT1 ONSEMI-NSF2250WT1_06 Datasheet
83Kb / 10P
   NPN Silicon Oscillator and Mixer Transistor
April, 2006 ??Rev. 5
logo
NEC
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
NTE Electronics
NTE229 NTE-NTE229 Datasheet
20Kb / 2P
   Silicon NPN Transistor VHF Oscillator, Mixer, IF Amp
logo
NEC
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
   Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
logo
NEC
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
   UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com