Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE25139T1U74 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE25139T1U74
Description  GENERAL PURPOSE DUAL-GATE GaAS MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE25139T1U74 Datasheet(HTML) 3 Page - California Eastern Labs

  NE25139T1U74 Datasheet HTML 1Page - California Eastern Labs NE25139T1U74 Datasheet HTML 2Page - California Eastern Labs NE25139T1U74 Datasheet HTML 3Page - California Eastern Labs NE25139T1U74 Datasheet HTML 4Page - California Eastern Labs NE25139T1U74 Datasheet HTML 5Page - California Eastern Labs NE25139T1U74 Datasheet HTML 6Page - California Eastern Labs NE25139T1U74 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
POWER GAIN AND NOISE FIGURE vs.
GATE 2 TO SOURCE VOLTAGE
Drain Current, ID (mA)
POWER GAIN AND NOISE FIGURE vs.
DRAIN CURRENT
2.0
1.0
-1.0
0
+1.0
VG2S = 1 V at ID = 10 mA
VG2S = 1 V at ID = 5 mA
VDS = 5 V
f = 1kHz
1
1
Gate 2 to Source Voltage, VG2S (V)
INPUT CAPACITANCE vs.
GATE 2 TO SOURCE VOLTAGE
Gate 2 to Source Voltage, VG2S (V)
NE25139
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Note:
1. Initial bias conditions. VG1S set to obtain
specified drain current.
Note:
1. Initial bias conditions. VG1S set to obtain
specified drain current.
30
15
0
-15
-30
-45
-3.0
-2.0
-1.0
0
+1.0
+2.0
0
5
10
GPS
NF
VDS = 5 V
VG2S = 1 V
ID = 10 mA
f = 900 MHz
1
25
20
15
10
5
0
0
5
10
0
5
VDS = 5 V
VG2S = 1 V
f = 900 MHz
GPS
NF
10


Similar Part No. - NE25139T1U74

ManufacturerPart #DatasheetDescription
logo
NEC
NE25139T1U74 NEC-NE25139T1U74 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results

Similar Description - NE25139T1U74

ManufacturerPart #DatasheetDescription
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25139 NEC-NE25139 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com