Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE944 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE944
Description  NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE944 Datasheet(HTML) 3 Page - California Eastern Labs

  NE944 Datasheet HTML 1Page - California Eastern Labs NE944 Datasheet HTML 2Page - California Eastern Labs NE944 Datasheet HTML 3Page - California Eastern Labs NE944 Datasheet HTML 4Page - California Eastern Labs NE944 Datasheet HTML 5Page - California Eastern Labs NE944 Datasheet HTML 6Page - California Eastern Labs NE944 Datasheet HTML 7Page - California Eastern Labs NE944 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NE944 SERIES
FREQ.
NFOPT
GA
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 2.5 V, IC = 2.5 mA
500
3.2
11.34
0.33
63
0.75
1000
5.4
7.22
0.29
142
0.45
1500
6.7
4.44
0.32
165
0.64
VCE = 3 V, IC = 5 mA
500
3.8
12.67
0.27
79
0.70
1000
6.3
8.28
0.28
168
0.48
1500
8.3
5.58
0.38
-175
0.55
VCE = 10 V, IC = 5 mA
500
3.8
13.88
0.27
69
0.75
1000
6.3
9.53
0.27
160
0.58
1500
8.3
6.63
0.32
174
0.68
NE94430
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
ΓOPT
VCE
IC
(MHz)
(dB)
(dB)
MAG
ANG Rn/50
(V)
(mA)
VCE = 8 V, IC = 5 mA
500
3.6
13.00
.43
51
1.0
8
5
1000
5.8
9.34
.29
113
0.7
8
5
VCE = 10 V, IC = 5 mA
500
3.6
12.90
.44
.51
1.04
10
5
1000
6.0
8.90
.32
117
.70
10
5
NE94433
TYPICAL NOISE PARAMETERS (TA = 25°C)


Similar Part No. - NE944

ManufacturerPart #DatasheetDescription
logo
NEC
NE944 NEC-NE944 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94430 NEC-NE94430 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94430-T2 NEC-NE94430-T2 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94430-T2 NEC-NE94430-T2 Datasheet
61Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94433 NEC-NE94433 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
More results

Similar Description - NE944

ManufacturerPart #DatasheetDescription
logo
NEC
NE944 NEC-NE944 Datasheet
58Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
NE94433-T1B-A NEC-NE94433-T1B-A Datasheet
61Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
ON Semiconductor
NSF2250WT1 ONSEMI-NSF2250WT1_06 Datasheet
83Kb / 10P
   NPN Silicon Oscillator and Mixer Transistor
April, 2006 ??Rev. 5
logo
NEC
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
NTE Electronics
NTE229 NTE-NTE229 Datasheet
20Kb / 2P
   Silicon NPN Transistor VHF Oscillator, Mixer, IF Amp
logo
NEC
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
   Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
logo
NEC
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
   UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com