Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE32584C-T1 Datasheet(PDF) 5 Page - California Eastern Labs

Part # NE32584C-T1
Description  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE32584C-T1 Datasheet(HTML) 5 Page - California Eastern Labs

  NE32584C-T1 Datasheet HTML 1Page - California Eastern Labs NE32584C-T1 Datasheet HTML 2Page - California Eastern Labs NE32584C-T1 Datasheet HTML 3Page - California Eastern Labs NE32584C-T1 Datasheet HTML 4Page - California Eastern Labs NE32584C-T1 Datasheet HTML 5Page - California Eastern Labs NE32584C-T1 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SCHEMATIC
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
Parameters
Q1
Parameters
Q1
VTO
-0.6723
RG
3
VTOSC
0
RD
2
ALPHA
4
RS
2
BETA
0.115
RGMET
0
GAMMA
0.08
KF
0
GAMMADC
0.07
AF
1
Q
2
TNOM
27
DELTA
0.5
XTI
3
VBI
0.715
EG
1.43
IS
3e-13
VTOTC
0
N
1.22
BETATCE
0
RIS
0
FFE
1
RID
0
TAU
5e-12
CDS
0.13e-12
RDB
1000
CBS
1e-9
CGSO
0.3e-12
CGDO
0.02e-12
DELTA1
0.3
DELTA2
0.1
FC
0.5
VBR
Infinity
NE32584C NONLINEAR MODEL
NE32584C
FET NONLINEAR MODEL PARAMETERS (1)
UNITS
MODEL RANGE
Frequency:
0.1 to 18 GHz
Bias:
VDS = 1 V to 3 V, ID = 5 mA to 30 mA
Date:
3/24/97
(1) Series IV Libra TOM Model
CGD_PKG
RG_PKG
0.5 ohms
0.28nH
0.55nH
LG_PKG
CCG_PKG
RS_PKG
0.2 ohms
LS_PKG
0.095nH
0.1pF
CSG_PKG
0.01pF
SOURCE
0.14pF
LG
Q1
LD
LD_PKG
RD_PKG
CCD_PKG
CSD_PKG
0.01pF
DRAIN
0.4nH
0.3nH
0.2 ohms
0.001pF
GATE


Similar Part No. - NE32584C-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE32584C-T1 NEC-NE32584C-T1 Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE32584C-T1 NEC-NE32584C-T1 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C-T1A NEC-NE32584C-T1A Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE32584C-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com