Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE32584C-T1 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NE32584C-T1
Description  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE32584C-T1 Datasheet(HTML) 4 Page - California Eastern Labs

  NE32584C-T1 Datasheet HTML 1Page - California Eastern Labs NE32584C-T1 Datasheet HTML 2Page - California Eastern Labs NE32584C-T1 Datasheet HTML 3Page - California Eastern Labs NE32584C-T1 Datasheet HTML 4Page - California Eastern Labs NE32584C-T1 Datasheet HTML 5Page - California Eastern Labs NE32584C-T1 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NE32584C
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE32584C
VDS = 2 V, IDS = 20 mA
Note:
1. Gain Calculation:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Coordinates in Ohms
Frequency in GHz
(VDS = 2 V, IDS = 20 mA)
0.100
1.001
-1.81
6.552
178.03
0.001
84.76
0.509
-1.76
-0.078
38.164
0.200
1.000
-3.77
6.531
176.09
0.003
86.79
0.507
-3.19
0.011
33.379
0.500
0.997
-9.43
6.511
170.33
0.007
83.69
0.506
-7.53
0.063
29.685
1.000
0.987
-18.65
6.432
161.14
0.014
77.38
0.502
-14.91
0.134
26.622
2.000
0.958
-36.35
6.243
143.49
0.027
65.71
0.496
-28.84
0.232
23.640
3.000
0.925
-53.13
5.999
126.61
0.038
55.04
0.487
-41.96
0.303
21.983
4.000
0.879
-69.42
5.734
110.09
0.048
44.64
0.474
-54.20
0.397
20.772
5.000
0.821
-84.79
5.417
94.24
0.056
34.90
0.454
-65.25
0.519
19.856
6.000
0.757
-99.35
5.121
79.85
0.062
26.33
0.430
-75.31
0.646
19.170
7.000
0.708
-113.22
4.892
66.26
0.068
18.60
0.413
-84.85
0.723
18.570
8.000
0.674
-127.54
4.754
53.02
0.074
10.86
0.401
-94.21
0.754
18.078
9.000
0.628
-141.15
4.617
39.77
0.078
2.80
0.389
-102.27
0.826
17.723
10.000
0.605
-157.21
4.599
25.65
0.083
-5.30
0.370
-111.19
0.836
17.436
11.000
0.549
-174.62
4.503
11.83
0.086
-14.51
0.330
-121.08
0.927
17.190
12.000
0.513
165.35
4.291
-2.24
0.087
-23.36
0.283
-133.16
1.017
16.128
13.000
0.504
145.18
4.193
-15.42
0.087
-32.46
0.248
-149.27
1.052
15.439
14.000
0.504
126.44
4.123
-29.96
0.088
-43.35
0.229
-165.01
1.061
15.202
15.000
0.517
109.11
4.106
-45.03
0.087
-54.72
0.225
179.28
1.050
15.376
16.000
0.527
91.65
4.001
-60.55
0.086
-66.36
0.224
161.59
1.058
15.203
17.000
0.530
74.05
3.888
-75.22
0.085
-79.11
0.208
142.58
1.098
14.697
18.000
0.543
57.36
3.785
-89.66
0.083
-93.10
0.212
121.91
1.114
14.536
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
0
10
25
50
j10
j25
j50
j100
-j10
-j25
-j50
-j100
S22
20 GHz
S11
.1 GHz
S22
.1 GHz
S11
20 GHz
100
10
8
6
4
2
.1
.
06
.
02
+120˚
+150˚
±180˚
+90˚
+60˚
+30˚
-120˚
-150˚
-90˚
-60˚
-30˚
S21
.1 GHz
S21
20 GHz
S12
20 GHz
S12
.1 GHz


Similar Part No. - NE32584C-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE32584C-T1 NEC-NE32584C-T1 Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE32584C-T1 NEC-NE32584C-T1 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C-T1A NEC-NE32584C-T1A Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE32584C-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com