Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NR4500BP-CC Datasheet(PDF) 1 Page - California Eastern Labs

Part No. NR4500BP-CC
Description  InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NR4500BP-CC Datasheet(HTML) 1 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC's φ
φφ
φ
φ50µ
µ
µ
µ
µm
InGaAs APD WITH INTERNAL
PREAMPLIFIER IN COAXIAL PACKAGE
FOR 2.5 Gb/s APPLICATIONS
NR4500BP-CC
NR4500CP-CC
FEATURES
• HIGH DATA RATE CAPABILITY:
2.5 Gbps
• RECEIVER SENSITIVITY:
PLOW = -32 dBm
• APD WITH HIGH PERFORMANCE GaAs
PRE-AMPLIFIER
• OPERATING CASE TEMPERATURE RANGE:
TC = 0 to +85°C
• COAXIAL MODULE WITH SC-UPC CONNECTOR
• SINGLE-END OUTPUT
NEC's NR4500BP-CC and NR4500CP-CC are 2.5-Gbp/s
APD receivers in a coaxial module with an internal pre-
amplifier.
These modules are ideal as receivers for Synchronous Digital
Hierarchy (SDH) system, STM-16, ITU-T recommendations.
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NR4500BP-CC
NR4500CP-CC
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VBR
Reverse Break Down Voltage, ID = 100 µAV
40
60
80
δ
Temperature Coefficient of Reverse Breakdown Voltage
%/°C
0.15
0.22
TC = 0 to +85°C
PLOW
Receiver Sensitivity,2.488320 Gbps, BER10-10,dBm
-32
-31
PRBS223-1, Mark = 1/2, NRZ, M(VR) is set at opt. value
TC = 0 to +85°C-31
-30
PHIGH
Maximum Optical Input Power,2.488320 Gbps,
dBm
-7
BER = 10-10, PRBS = 223-1, Mark = 1/2, NRZ, M(VR)
is set at optimum value
TC = 0 to +85°C-8
S
Sensitivity,
M = 1, λ = 1310 nm
A/W
0.80
0.94
M = 1, λ = 1550 nm
0.81
0.96
fc
Cut-off Frequency,AC Coupling, RL = 50 Ω,
GHz
1.8
PIN = -30 dBm, M = 101
ORL
Optical Return Loss, λ = 1310 nm, λ = 1550 nm
dB
30
Zt
Trans Impedance, AC coupling, RL = 50 Ω, f = 100 MHz
400
600
PIN ≤ -20 dBm
VSS
Supply Voltage
V
-5.46
-5.20
-4.96
ISS
Supply Current, VSS = -5.2 V
mA
45
ELECTRO-OPTICAL CHARACTERISTICS, (TC = 25°C, unless otherwise specified)
Note:
1. -3 dB point from 3 MHz


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn