Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSESDL05-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSESDL05-C
Description  Ultra-Low Capacitance ESD Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSESDL05-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSESDL05-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSESDL05-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSESDL05-C
150mW , 5V
Ultra-Low Capacitance ESD Protection
13-Nov-2013 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS(T
A=25C unless otherwise noted, VF=1V Max. @ I
F=10 mA for all types)
VRWM
(V)
IR(μA)
@ VRWM
VBR (V)
@ IT
1
IT
VC (V)
@ IPP=1A
2
VC
C
(pF)
Device
Max.
Max.
Min.
mA
Max.
Per IEC61000−4−2
Typ.
Max.
SSESDL05-C
5
1
5.4
1
9.8
Figures 1 & 2 See
Below
0.5
0.9
Note:
1.
VBR is measured with a pulse test current IT at an ambient temperature of 25C.
2.
Surge current waveform per Figure 3.
RATINGS AND CHARACTERISTICS CURVES


Similar Part No. - SSESDL05-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSESDL05 SECOS-SSESDL05_15 Datasheet
219Kb / 2P
   Ultra-Low Capacitance ESD Protection
More results

Similar Description - SSESDL05-C

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
   Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
   Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
   Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
   Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605C4C6-AU PANJIT-PE1605C4C6-AU Datasheet
339Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
August 7,2017-REV.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com