Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSE04N65SL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSE04N65SL
Description  N-Ch Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSE04N65SL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSE04N65SL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSE04N65SL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSE04N65SL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSE04N65SL Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSE04N65SL Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SSE04N65SL
4A , 650V , RDS(ON) 2.7
N-Ch Enhancement Mode Power MOSFET
08-Oct-2013 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TO-220P
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSE04N65SL is the highest performance trench
N-ch MOSFETs with extreme high cell density , which provide
excellent RDS(on) and gate charge for most of the synchronous
buck converter applications .
FEATURES
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
±30
V
TC=25°C
4
A
Continuous Drain Current
TC=100°C
ID
2.8
A
Pulsed Drain Current
IDM
16
A
TC=25°C
100
Total Power Dissipation
Derate above 25°C
PD
0.8
W
Single Pulse Avalanche Energy
1
EAS
202
mJ
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Thermal Resistance Junction-Ambient
RθJA
62.5
°C / W
Maximum Thermal Resistance Junction-Case
RθJC
1.25
°C / W
Notes:
1. L=30mH,IAS=3.36A, VDD=150V, RG=25 , Starting TJ =25°C
1
Gate
3
Source
2
Drain
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
9.3
10.6
H
2.54 BCS.
B
14.2
16.5
I
1.8
2.9
C
2.7 BSC.
J
2.6
3.95
D
12.6
14.7
K
0.3
0.6
E
1.0
1.8
L
5.8
7.0
F
0.4
1.0
M
1.2
1.45
G
3.6
4.8


Similar Part No. - SSE04N65SL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSE04N65SL VBSEMI-SSE04N65SL Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSE04N65SL SECOS-SSE04N65SL_15 Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSE04N65SL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com