Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBV600 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RBV600
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RBV600 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RBV600 Datasheet HTML 1Page - EIC discrete Semiconductors RBV600 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RBV600 - RBV610
SILICON BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 6.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* High case dielectric strength of 2000 VDC
* Ideal for printed circuit board
* Very good heat dissipation
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight :
7.7 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RBV
600
RBV
601
RBV
602
RBV
604
RBV
606
RBV
608
RBV
610
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current Tc = 55
°C
IF(AV)
6.0
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
200
Amps.
Current Squared Time at t < 8.3 ms.
I
2t
64
A
2S
Maximum Forward Voltage per Diode at IF = 3.0 Amps.
VF
1.0
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Typical Thermal Resistance (Note 1)
R
θJC
8.0
°C/W
Operating Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes : 1. Thermal Resistance from junction to case w ith units mounted on a 2.6"x1.4"x0.06" THK (6.5cm.x3.5cm.x0.15cm.) Al. Plate. Heatsink.
UPDATE : MARCH 6, 2000
RATING
RBV25
Dimensions in millimeters
C3
4.9
± 0.2
3.9
± 0.2
~
∅ 3.2 ± 0.1
~
0.7
± 0.1
1.0
± 0.1
2.0
± 0.2
30
± 0.3
7.5
±0.2
10
±0.2
+
7.5
±0.2


Similar Part No. - RBV600

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RBV600 NJSEMI-RBV600 Datasheet
166Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV600 EIC-RBV600 Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 06 : May 6, 2013
logo
Galaxy Semi-Conductor H...
RBV6005 BILIN-RBV6005 Datasheet
164Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
RBV6005 LUGUANG-RBV6005 Datasheet
149Kb / 2P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
RBV6005 DSK-RBV6005 Datasheet
115Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RBV600

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com