Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-010704 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010704
Description  Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010704 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-010704 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
10
Low Noise Amplifier
0.1-3.5 GHz
MAAL-010704
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Typical Performance: 3 V, 60 mA
Component Values
Evaluation Board Schematic @ 100 MHz
Ref Designator
Description
C1, C4
1 nF 0402 Capacitor
C5
10 nF 0402 Capacitor
C9
100 uF Tantalum
Capacitor Size C
L2
150 nH 0603 Inductor
L4
68 nH 0402 Inductor
R1
Refer to Rbias Vs Idd plot
C2, C3, C6, C7, C8, L1, L3
DNP
Parameter
Units
TYP
Frequency
GHz
0.1
Gain
dB
25.5
Output IP3
14
dBm
31.5
Output P1dB
dBm
17.5
Input Return Loss
dB
-11.0
Output Return Loss
dB
-11.0
Noise Figure
dB
1.85
RF IN
RF OUT
Vcc
R1
C4
C1
C5
L2
C9
L4
14. Pout = 5 dBm, Tone Spacing = 1 MHz
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-20
-15
-10
-5
0
5
10
15
20
25
30
S21
S11
S22
S-Parameters using 100 MHz evaluation board


Similar Part No. - MAAL-010704

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
MAAL-010704-000000 MA-COM-MAAL-010704-000000 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
MAAL-010704-000000 MA-COM-MAAL-010704-000000 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
MAAL-010704-001SMB MA-COM-MAAL-010704-001SMB Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
MAAL-010704-001SMB MA-COM-MAAL-010704-001SMB Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
More results

Similar Description - MAAL-010704

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com