Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP2S0DA Datasheet(PDF) 3 Page - Ohmite Mfg. Co.

Part # RP2S0DA
Description  RC Series carbon composition
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RP2S0DA Datasheet(HTML) 3 Page - Ohmite Mfg. Co.

  RP2S0DA Datasheet HTML 1Page - Ohmite Mfg. Co. RP2S0DA Datasheet HTML 2Page - Ohmite Mfg. Co. RP2S0DA Datasheet HTML 3Page - Ohmite Mfg. Co. RP2S0DA Datasheet HTML 4Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
33
Surface Mount Power
Package Outline Dimensions
PC Board Land Pattern
Packages
A
B
C
D
G
I
J
L
M
N
O
P
BA (in.)
.246±.020
.136±.005
.133 REF
.110±.010
.047 Nom.
.054±.012
.136±.005
.150
.346
.098
.126
.050
(mm) 6.248±.508
3.454±.127
3.378 REF
2.794±.254
1.194 Nom.
1.372±.305
3.454±.127
3.81
8.79
2.49
3.20
1.27
CA (in.)
.394±.020
.159±.005
.156 REF
.220±.010
.062 Nom.
.078±.012
.159±.005
.256
.524
.134
.126
.060
(mm) 10.008±.508
4.039±.127
3.962 REF
5.588±.254
1.575 Nom.
1.981±.305
4.038±.127
6.50
13.31
3.40
3.20
1.52
CB (in.)
.407±.020
.226±.005
.222 REF
.260±.010
.062 Nom.
.084±.012
.222±.005
.276
.537
.131
.126
.093
(mm) 10.338±.508
5.74±.127
5.639 REF
6.604±.254
1.575 Nom.
2.134±.305
5.639±.127
7.01
13.64
3.33
3.20
2.36
DA (in.)
.455±.020
.240±.005
.236 REF
.260±.010
.062 Nom.
.143±.012
.226±.005
.317
.585
.134
.155
.093
(mm) 11.557±.508
6.096±.127
5.994 REF
6.604±.254
1.575 Nom.
3.632±.305
5.740±.127
8.05
14.86
3.40
3.94
2.36
DB (in.)
.625±.020
.273±.005
.268 REF
.417±.010
.062 Nom.
.143±.012
.226±.005
.474
.742
.134
.155
.093
(mm) 15.875±.508
6.934±.127
6.807 REF
10.592±.254
1.575 Nom.
3.632±.305
5.740±.127
12.040
18.85
3.40
3.94
2.36
EA (in.)
.811±.020
.273±.005
.268 REF
.572±.010
.093 Nom.
.143±.012
.273±.005
.611
1.000
.195
.155
.093
(mm) 20.599±.508
6.934±.127
6.807 REF
14.529±.254
2.362 Nom.
3.632±.305
6.934±.127
15.52
25.4
4.95
3.94
2.36
BB (in.)
.202±.010
.10±.010
.095 REF
.079±.010
.050 Nom.
.065±.012
.135±.005
0.078
0.328
0.125
0.126
0.026
(mm) 5.140±.508
2.54±.127
2.41 REF
2.00±.254
1.280 Nom.
1.640±.305
3.420±.127
1.98
8.33
3.18
3.20
0.66
J
I
C
B
K=0.006 Ref.
D
A
E
G
H
Note 1
F=0.005 ±.001
Note 2
L
O
M
P
N
Recommended
for glue dot
application
Note 1: Packages BA and CA are only available with a pedestal base. Packages CB and DA are available in either pedestal or recessed base. Packages DB and EA
are only available in a recessed base.
Note 2: Test point is .020 above PCB.
Note 3: Tape and reel dimensions per EIA 481 A except “EA” size which is 12 mm component pitch versus 16mm pitch.
Size
A nom.
B
C max.
Quantity
12mm
13”
0.488" +0.078, –0.00
0.724"
2000 pcs. BA or
12.4mm +2.0, –0.0
18.4mm
2500 pcs. BB
16mm
13”
0.646" +0.078, –0.00
0.882"
1500 pcs. CA or
16.4mm +2.0, –0.0
22.4mm
1000 pcs. CB
24mm
13”
0.961" +0.078, –0.00
1.196"
1000 pcs. DA or DB
24.4mm +2.0, –0.0
30.4mm
32mm
13”
1.276" +0.078, –0.00
1.52"
750 pcs. EA
32.4mm +2.0, –0.0
38.4mm
Reel Dimensions
All reels are compatible with major pick-and-place machines
and made in accordance with EIA 481 A (except EA size,
which is 12mm component pitch versus 16mm pitch).
A
0.795*
20.2 min.
0.512 ±.008
13.0 ±.200
C
B
1.973
50 min.
0.059*
1.5 min.
Full
Radius
Tape Start Slot
Measured
at Hub
0.098 /
2.5 min. width
0.394 /
10 min. depth
Land pattern dimensions are for reference only
d IM e NSIONS
(in./mm)
(continued)


Similar Part No. - RP2S0DA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RP2S0DA OHMITE-RP2S0DA Datasheet
331Kb / 4P
   Twelve wattage ratings
More results

Similar Description - RP2S0DA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
RC20GF102J ETC2-RC20GF102J Datasheet
189Kb / 2P
   Carbon Composition Resistor
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
   Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
   Carbon Composition Resistors
logo
Stackpole Electronics, ...
RC_SERIES SEI-RC_SERIES Datasheet
703Kb / 11P
   Carbon Composition Resistor
9/15/2021
logo
Tyco Electronics
1625875 MACOM-1625875 Datasheet
40Kb / 1P
   CARBON COMPOSITION RESISTORS SERIES CBT25
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
TT Electronics.
CC1 TTELEC-CC1 Datasheet
271Kb / 3P
   Hot moulded carbon composition
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com