Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-03-2021 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-03-2021
Description  KK짰 254 Wire-to-Board Header, Single Row, Vertical, 2 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-03-2021 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-03-2021 Datasheet HTML 1Page - Molex Electronics Ltd. 22-03-2021 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-4030-02A197
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-4030-0001
This document was generated on 04/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-03-2021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
MolexKits
22-03-2021 MOLEXKITS-22-03-2021 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
22-03-2021 MOLEXKITS-22-03-2021 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
22-03-2021 MOLEXKITS-22-03-2021 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
22-03-2021 MOLEXKITS-22-03-2021 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle ,2 Circuit
More results

Similar Description - 22-03-2021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-03-2101 MOLEX11-22-03-2101 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 10 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2141 MOLEX11-22-03-2141 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 14 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2161 MOLEX11-22-03-2161 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 16 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2121 MOLEX11-22-03-2121 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 12 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2041 MOLEX11-22-03-2041 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 4 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2081 MOLEX11-22-03-2081 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 8 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2091 MOLEX11-22-03-2091 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 9 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2031 MOLEX11-22-03-2031 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 3 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2051 MOLEX11-22-03-2051 Datasheet
54Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 5 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
22-03-2071 MOLEX11-22-03-2071 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 7 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com