Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X7R0J225K Datasheet(PDF) 11 Page - Intersil Corporation

Part # C1608X7R0J225K
Description  Integrated Automotive TFT-LCD Power Supply Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

C1608X7R0J225K Datasheet(HTML) 11 Page - Intersil Corporation

Back Button C1608X7R0J225K Datasheet HTML 7Page - Intersil Corporation C1608X7R0J225K Datasheet HTML 8Page - Intersil Corporation C1608X7R0J225K Datasheet HTML 9Page - Intersil Corporation C1608X7R0J225K Datasheet HTML 10Page - Intersil Corporation C1608X7R0J225K Datasheet HTML 11Page - Intersil Corporation C1608X7R0J225K Datasheet HTML 12Page - Intersil Corporation C1608X7R0J225K Datasheet HTML 13Page - Intersil Corporation C1608X7R0J225K Datasheet HTML 14Page - Intersil Corporation C1608X7R0J225K Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL78419
11
FN8292.2
January 24, 2014
Applications Information
Enable Control
With VIN > UVLO, only the Logic output channel is activated. All
other functions in ISL78419 are shut down when the enable pin
is pulled down. When the voltage at the enable pin reaches high
threshold, the whole chip turns on.
Frequency Selection
The ISL78419 switching frequency can be user selected to
operate at either constant 600kHz or 1.2MHz. Lower switching
frequency can save power dissipation at very light load
conditions. Also, low switching frequency more easily leads to
discontinuous conduction mode, while higher switching
frequency allows for smaller external components, such as
inductor and output capacitors, etc. Higher switching frequency
will get higher efficiency within some loading ranges depending
on VIN, VOUT, and external components, as shown in Figure 1.
Connecting the FREQ pin to GND sets the PWM switching
frequency to 600kHz, or connecting FREQ pin to VIN for 1.2MHz.
Soft-Start
The soft-start is provided by an internal current source to charge
the external soft-start capacitor. The ISL78419 ramps up the
current limit from 0A up to the full value, as the voltage at the SS
pin ramps from 0V to 0.8V. Hence, the soft-start time is 3.2ms
when the soft-start capacitor is 22nF, 6.8ms for 47nF and
14.5ms for 100nF.
Operation
The boost converter is a current mode PWM converter operating
at either 600kHz or 1.2MHz. It can operate in both discontinuous
conduction mode (DCM) at light load and continuous conduction
mode (CCM). In continuous conduction mode, current flows
continuously in the inductor during the entire switching cycle in
steady state operation. The voltage conversion ratio in
continuous current mode is given by Equation 1:
Where D is the duty cycle of the switching MOSFET.
The boost regulator uses a summing amplifier architecture
consisting of gm stages for voltage feedback, current feedback
and slope compensation. A comparator looks at the peak
inductor current cycle-by-cycle and terminates the PWM cycle if
the current limit is reached.
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. Current drawn by
the resistor network should be limited to maintain the overall
converter efficiency. The maximum value of the resistor network
is limited by the feedback input bias current and the potential for
noise being coupled into the feedback pin. A resistor network in
the order of 60kΩ is recommended. The boost converter output
voltage is determined by Equation 2:
The current through the MOSFET is limited to 1.5APEAK.
This restricts the maximum output current (average) based on
Equation 3:
Where
ΔIL is the peak-to-peak inductor ripple current, and is set
by Equation 4:
Where fS is the switching frequency (600kHz or 1.2MHz).
Capacitor
An input capacitor is used to suppress the voltage ripple injected
into the boost converter. The ceramic capacitor with a
capacitance larger than 10µF is recommended. The voltage
rating of the input capacitor should be larger than the maximum
input voltage. Some input capacitors are recommended in Table 1.
Inductor
The boost inductor is a critical part that influences the output
voltage ripple, transient response, and efficiency. Values of
3.3µH to 10µH are used to match the internal slope
compensation. The inductor must be able to handle the following
average and peak currents shown in Equation 5:
Some inductors are recommended in Table 2 for different design
considerations.
Rectifier Diode
A high-speed diode is necessary due to the high switching
frequency. Schottky diodes are recommended because of their
fast recovery time and low forward voltage. The reverse voltage
rating of this diode should be higher than the maximum output
voltage. The rectifier diode must meet the output current and
peak inductor current requirements. Table 3 shows some
recommendations for boost converter diode.
V
Boost
V
IN
-------------------
1
1D
-------------
=
(EQ. 1)
V
Boost
R
1
R
2
+
R
2
---------------------
V
FB
×
=
(EQ. 2)
TABLE 1. BOOST CONVERTER INPUT CAPACITOR RECOMMENDATION
CAPACITOR
SIZE
MFG
PART NUMBER
10µF/6.3V
0603
TDK
C1608X5R0J106M
10µF/16V
1206
TDK
C3216X7R1C106M
10µF/10V
0805
Murata
GRM21BR61A106K
22µF/10V
1210
Murata
GRB32ER61A226K
TABLE 2. BOOST CONVERTER INDUCTOR RECOMMENDATION
INDUCTOR
DIMENSIONS
(mm)
MFG
PART
NUMBER
NOTE
10µH/
4Apeak
8.3x8.3x4.5 Sumida CDR8D43-100NC
Efficiency
optimization
6.8µH/
1.8Apeak
5.0x5.0x2.0
TDK
PLF5020T-6R8M1R8
10µH/
2.2Apeak
6.6x7.3x1.2 Cyntec PCME061B-100MS
PCB
space/profile
optimization
I
OMAX
I
LMT
ΔI
L
2
--------
⎝⎠
⎛⎞ VIN
V
O
---------
×
=
(EQ. 3)
ΔI
L
V
IN
L
---------
D
f
s
----
×
=
(EQ. 4)
I
LAVG
I
O
1D
-------------
=
I
LPK
I
LAVG
ΔI
L
2
--------
+
=
(EQ. 5)


Similar Part No. - C1608X7R0J225K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608X7R0J225K080AB TDK-C1608X7R0J225K080AB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1608X7R0J225K080AB TDK-C1608X7R0J225K080AB_17 Datasheet
239Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608X7R0J225K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78419 RENESAS-ISL78419 Datasheet
1Mb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Intersil Corporation
ISL78419ARZ INTERSIL-ISL78419ARZ Datasheet
870Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
June 27, 2014
ISL78419 INTERSIL-ISL78419 Datasheet
933Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
logo
Renesas Technology Corp
ISL78010 RENESAS-ISL78010 Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
   Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com