Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32457E Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL32457E
Description  짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32457E Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL32457E Datasheet HTML 3Page - Intersil Corporation ISL32457E Datasheet HTML 4Page - Intersil Corporation ISL32457E Datasheet HTML 5Page - Intersil Corporation ISL32457E Datasheet HTML 6Page - Intersil Corporation ISL32457E Datasheet HTML 7Page - Intersil Corporation ISL32457E Datasheet HTML 8Page - Intersil Corporation ISL32457E Datasheet HTML 9Page - Intersil Corporation ISL32457E Datasheet HTML 10Page - Intersil Corporation ISL32457E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E
7
FN7921.0
February 20, 2012
Input/Output Current (A/Y, B/Z)
IIN2
DE = 0V, VCC =0V or
3.6V or 5.5V
VIN = 12V
Full
-
-
250
µA
VIN = -7V
Full
-200
--
µA
VIN = ±20V
Full
-800
-
850
µA
VIN = ±60V, (Note 18)
Full
-6
-
6
mA
Input Current (A, B)
(Full Duplex Versions Only)
IIN3
VCC = 0V or 3.6V or
5.5V
VIN = 12V
Full
-
-
125
µA
VIN = -7V
Full
-100
--
µA
VIN = ±20V
Full
-500
-
500
µA
VIN = ±60V, (Note 18)
Full
-3
-
3
mA
Output Leakage Current (Y, Z)
(Full Duplex Versions Only)
IOZD
RE = 0V, DE = 0V,
VCC = 0V or 3.6V or
5.5V
VIN = 12V
Full
-
-
200
µA
VIN = -7V
Full
-100
--
µA
VIN = ±20V
Full
-500
-
500
µA
VIN = ±60V, (Note 18)
Full
-3
-
3
mA
Receiver Differential Threshold
Voltage
VTH
-20V ≤ VCM ≤ 20V,
(For ISL32457E only,
A-B if INV = 0; B-A if
INV = 1)
VCC ≤ 3.6V
Full
-200
-120
-10
mV
VCC ≥ 4.5V
Full
-250
-180
-10
mV
Receiver Input Hysteresis
ΔVTH
-20V ≤ VCM ≤ 20V
+25
-
30
-
mV
Receiver Output High Voltage
VOH1
VID = -10mV
IO = -4mA, VCC ≥ 3V
Full
2.4
--
V
VOH2
IO = -8mA, VCC ≥ 4.5V
Full
2.4
--
V
Receiver Output Low Voltage
VOL
IO = 4mA, VCC ≥ 3V, VID = -200mV
Full
-
-
0.4
V
IO = 5mA, VCC ≥ 4.5V, VID = -250mV
Full
-
-
0.4
V
Three-State (High Impedance)
Receiver Output Current (Note 19)
IOZR
0V ≤ VO ≤ VCC
Full
-1
0.01
1
µA
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
-
-
±115
mA
SUPPLY CURRENT
No-Load Supply Current (Note 10)
ICC
DE = VCC, RE =0V or VCC, DI = 0V or VCC
Full
-
2.1
4.5
mA
Shutdown Supply Current (Note 19)
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
10
35
µA
ESD PERFORMANCE
All Pins
Human Body Model
(Tested per JESD22-A114E)
+25
-
±8
-
kV
Machine Model
(Tested per JESD22-A115-A)
+25
-
±700
-
V
RS-485 Pins (A, B, Y, Z,
A/Y, B/Z)
Human Body Model,
From Bus Pins to
GND
Full Duplex
+25
-
±15
-
kV
Half Duplex
+25
-
±16.5
-
kV
DRIVER SWITCHING CHARACTERISTICS (250kbps VERSIONS; ISL32450E, ISL32452E, ISL32457E)
Driver Differential Output Delay
tPLH, tPHL RD = 54Ω, CD = 50pF (Figure 4)
Full
-
280
1000
ns
Driver Differential Output Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 4)
Full
-
4
100
ns
Driver Differential Rise or Fall Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 4)
Full
250
650
1500
ns
Maximum Data Rate
fMAX
CD = 820pF (Figure 6)
Full
250
-
-
kbps
Driver Enable to Output High
tZH
SW = GND (Figure 5), (Note 12)
Full
-
-
1600
ns
Electrical Specifications Test Conditions: VCC = 3V to 3.6V and 4.5V to 5.5V, unless otherwise specified. Typicals are at the worst case of
VCC =5V or VCC =3.3V, TA = +25°C (Note 9). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 17)
TYP
MAX
(Note 17)
UNITS


Similar Part No. - ISL32457E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32457E INTERSIL-ISL32457E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32457E RENESAS-ISL32457E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32457EIBZ INTERSIL-ISL32457EIBZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32457EIBZ RENESAS-ISL32457EIBZ Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32457EIUZ INTERSIL-ISL32457EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results

Similar Description - ISL32457E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32430E INTERSIL-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com