Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL4-680 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL4-680
Description  MOLDED RECTANGULAR LED MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL4-680 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL4-680 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H
T
F
0.205 [5.2mm]
0.050 [1.3mm]
0.025 [0.6mm]
0.050 [1.3mm]
0.165 [4.2mm]
0.100 [2.5mm]
0.083 [2.1mm]
0.090 [2.3mm]
TYP.
TYP.
Ø.032 [Ø0.8mm]
Ø.043 [Ø1.1mm]
RTP POLYAMIDE NYLON 6/6, 0299X63548, NATURAL OR MODIFIED PLASTICS MN6/6-SE WHT.
2. MATERIAL: NYLON 6/6, 94V-0, NATURAL/WHITE. BIVAR MATERIAL CODE 24-WE.
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
( UNLESS OTHERWISE SPECIFIED )
STANDARD TOLERANCE
.XX
± .01
.X
± .1
DECIMALS
M. Chen
David Green
CHECKED:
DESIGNED:
.XXX
± .005
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
SHEET #
OF
1
MOLDED RECTANGULAR LED MOUNT
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
± 1°
ANGULAR
RL4-XXX
06/06/03
06/06/03
DATE:
DATE:
PART NO:
CAGE CODE : 32559
TITLE:
®
A
1
REVISION:
Engineering Update w/o Changes
A
REV.
APPROVED
02/27/04
DATE
DESCRIPTION
M. C.
RL4-760
RL4-740
RL4-720
RL4-640
RL4-660
RL4-700
RL4-680
RL4-600
RL4-620
RL4-580
RL4-560
PART NUMBER
.760 (19.3mm)
.740 (18.5mm)
.720 (18.3mm)
.700 (17.8mm)
.680 (17.3mm)
.660 (16.8mm)
.640 (16.3mm)
.620 (15.7mm)
.600 (15.2mm)
.580 (14.7mm)
.560 (14.2mm)
0.540 (13.7mm)
0.110 (2.8mm)
0.100 (2.5mm)
0.090 (2.3mm)
0.080 (2.0mm)
0.010 (.25mm)
0.020 (.51mm)
0.070 (1.8mm)
0.050 (1.3mm)
0.060 (1.5mm)
0.040 (1.0mm)
0.030 (.76mm)
H
T
F


Similar Part No. - RL4-680

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL40 AMPHENOL-RL40 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
RL4004-175-97-K AMPHENOL-RL4004-175-97-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
RL4005-116-95-K AMPHENOL-RL4005-116-95-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
RL4005-2670-140-K AMPHENOL-RL4005-2670-140-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
RL4005-5267-150-K AMPHENOL-RL4005-5267-150-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
More results

Similar Description - RL4-680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL3-500 ETC2-RL3-500 Datasheet
16Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL3-400 ETC2-RL3-400 Datasheet
16Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL1-080 ETC2-RL1-080 Datasheet
18Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
logo
Sanken electric
SEL4026 SANKEN-SEL4026 Datasheet
24Kb / 1P
   2x4 Rectangular LED (Direct Mount)
SML70020 SANKEN-SML70020 Datasheet
29Kb / 1P
   3.3x6 Rectangular Bicolor LED (Direct Mount)
logo
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDG13 P-TEC-PL43-CDG13 Datasheet
29Kb / 1P
   Rectangular LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com