Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6520EVAL1 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6520EVAL1
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6520EVAL1 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6520EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6520EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6520EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6520EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6520EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6520EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6520EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6520EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL6520EVAL1 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9016.6
December 10, 2009
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by Equation 3:
where IOCSET is the internal OCSET current source (20µA
typical). The OC trip point varies mainly due to the
MOSFET’s rDS(ON) variations. To avoid overcurrent tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
1. The maximum rDS(ON) at the highest junction
temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for
,
where
ΔI is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled “Output Inductor Selection” on
page 8.
Soft-Start
The POR function initiates the soft-start sequence after the
overcurrent set point has been sampled. Soft-start clamps the
error amplifier output (COMP pin) and reference input
(non-inverting terminal of the error amp) to the internally
generated soft-start voltage. Figure 2 shows a typical start-up
interval where the COMP/OCSET pin has been released from
a grounded (system shutdown) state. Initially, the
COMP/OCSET is used to sample the overcurrent setpoint by
disabling the error amplifier and drawing 20µA through
ROCSET. Once the overcurrent level has been sampled, the
soft-start function is initiated. The clamp on the error amplifier
(COMP/OCSET pin) initially controls the converter’s output
voltage during soft-start. The oscillator’s triangular waveform is
compared to the ramping error amplifier voltage. This
generates PHASE pulses of increasing width that charge the
output capacitor(s). When the internally generated soft-start
voltage exceeds the feedback (FB pin) voltage, the output
voltage is in regulation. This method provides a rapid and
controlled output voltage rise. The entire startup sequence
typically take about 11ms.
Current Sinking
The ISL6520A incorporates a MOSFET shoot-through
protection method which allows a converter to sink current
as well as source current. Care should be exercised when
designing a converter with the ISL6520A when it is known
that the converter may sink current.
When the converter is sinking current, it is behaving as a
boost converter that is regulating it’s input voltage. This
means that the converter is boosting current into the VCC
rail, which supplies the bias voltage to the ISL6520A. If there
is nowhere for this current to go, such as to other distributed
loads on the VCC rail, through a voltage limiting protection
device, or other methods, the capacitance on the VCC bus
will absorb the current. This situation will allow voltage level
of the VCC rail to increase. If the voltage level of the rail is
boosted to a level that exceeds the maximum voltage rating
of the ISL6520A, then the IC will experience an irreversible
failure and the converter will no longer be operational.
Ensuring that there is a path for the current to follow other
than the capacitance on the rail will prevent this failure
mode.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to another
can generate voltage transients across the impedances of the
interconnecting bond wires and circuit traces. These
interconnecting impedances should be minimized by using
wide, short printed circuit traces. The critical components
should be located as close together as possible, using ground
plane construction or single point grounding.
FIGURE 1. OVERCURRENT OPERATION
TIME (5ms/DIV.)
OUTPUT INDUCTOR
5A/DIV.
CURRENT
I
PEAK
I
OCSET x ROCSET
r
DS ON
()
-----------------------------------------------------
=
(EQ. 3)
I
PEAK
I
OUT MAX
()
ΔI
()
2
----------
+
>
FIGURE 2. SOFT-START INTERVAL
VOUT
500mV/DIV.
COMP/OCSET
1V/DIV.
TIME (2ms/DIV.)
ISL6520A


Similar Part No. - ISL6520EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520EVAL1 INTERSIL-ISL6520EVAL1 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520EVAL1 INTERSIL-ISL6520EVAL1 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520EVAL1 INTERSIL-ISL6520EVAL1 Datasheet
328Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520EVAL1 INTERSIL-ISL6520EVAL1 Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520EVAL1 INTERSIL-ISL6520EVAL1 Datasheet
288Kb / 10P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results

Similar Description - ISL6520EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com