Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7841-A15 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7841-A15
Description  FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7841-A15 Datasheet(HTML) 1 Page - California Eastern Labs

  PS7841-A15 Datasheet HTML 1Page - California Eastern Labs PS7841-A15 Datasheet HTML 2Page - California Eastern Labs PS7841-A15 Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PART NUMBER
PS7841-A15
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
Diode
VF
Forward Voltage, IF = 10 mA
V
1.2
1.4
MOSFET
IOFF
Off-State Leakage Current, VL = 400 V, IF = 0 mA
µA
1.0
Coupled
RON
On-State Resistance, IF = 10 mA, IL = 10 mA
20
30
IF = 10 mA, IL = 120 mA
16
25
tON
Turn-On Time, IF = 10 mA, VL = 5 V, RL = 500
Ω,
ms
0.3
1.0
PW
≥ 10 mS
tOFF
Turn-Off Time, IF = 10 mA, VL = 5 V, RL = 500
Ω,
ms
0.04
0.2
PW
≥ 10 mS
Isolation Resistance
Rin-out
Isolation Resistance, Vin-out = 500 VDC
109
Isolation Capacitance
CI-O
Isolation Capacitance, V = 0, f = 1 MHZ
pF
1.1
FEATURES
FOR OPTICAL DAA CIRCUT
Solid State Relay
Photocoupler (AC Input Response)
Diode Bridge
Darlington Transistor
SMALL AND THIN PACKAGE
16 Pin SOP = 255 mil, Pin Pitch = 1.27 mm,
Height = 2.1 mm
HIGH ISOLATION VOLTAGE
BV = 1500 Vr.m.s.
AVAILABLE IN TAPE AND REEL
PS7841-A15-F3, F4
DESCRIPTION
PS7841-A15 is a solid state relay for optical DAA (Data Access
Arrangment) containing a diode bridge, MOSFET,
photocoupler, Darlington transistor and LED.
This device is suitable for analog signal control applications
such as notebook PCs, modem cards, voice telephone and fax
machines.
APPLICATIONS
NOTEBOOK PC, PDA
MODEM CARD
TELEPHONE, FAX
MODEM
FOR OPTICAL DAA 16 PIN
SOP SOLID STATE RELAY
PS7841-A15
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1. Pin No. 2, 3, 15, 16.
California Eastern Laboratories
PS7841-A15
16
15
14
13
13
4
12
11
10
9
25
7
8
6


Similar Part No. - PS7841-A15

ManufacturerPart #DatasheetDescription
logo
NEC
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
More results

Similar Description - PS7841-A15

ManufacturerPart #DatasheetDescription
logo
NEC
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
PS8741 NEC-PS8741 Datasheet
39Kb / 8P
   FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8741 RENESAS-PS8741 Datasheet
240Kb / 12P
   FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8741 CEL-PS8741 Datasheet
317Kb / 8P
   FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS7241-AT1 CEL-PS7241-AT1 Datasheet
72Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
NEC
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7200N-1A CEL-PS7200N-1A Datasheet
21Kb / 2P
   4 PIN SOP SOLID STATE RELAY
PS7200J-1A CEL-PS7200J-1A Datasheet
47Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
NEC
PS7200J-1A NEC-PS7200J-1A Datasheet
44Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
Vishay Siliconix
LH1540ACD VISHAY-LH1540ACD Datasheet
98Kb / 4P
   1 Form A SOP Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com