Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEA1CN221X Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEA1CN221X
Description  Aluminum Electrolytic Capacitors/ SU(Bi-polar)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1CN221X Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEA1CN221X Datasheet HTML 1Page - Panasonic Semiconductor ECEA1CN221X Datasheet HTML 2Page - Panasonic Semiconductor ECEA1CN221X Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
Standard Products (Bi-polar)
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
50
0.47
5
11
10
0.15
0.5
2.0
5.0
2.5
ECEA1HNR47U( )
200
2000
15
11
10
0.15
0.5
2.0
5.0
2.5
ECEA1HN010U( )
200
2000
2.2
5
11
18
0.15
0.5
2.0
5.0
2.5
ECEA1HN2R2U( )
200
2000
3.3
5
11
25
0.15
0.5
2.0
5.0
2.5
ECEA1HN3R3U( )
200
2000
4.7
5
11
30
0.15
0.5
2.0
5.0
2.5
ECEA1HN4R7U( )
200
2000
10
6.3
11.2
50
0.150.5
2.5
5.0
2.5
ECEA1HN100U( )
200
2000
22
8
11.5
90
0.15
0.6
3.5
5.0
ECEA1HN220U( )
200
1000
33
8
11.5
110
0.15
0.6
3.5
5.0
ECEA1HN330U( )
200
1000
47
10
12.5
140
0.15
0.6
5.0
5.0
ECEA1HN470U( )
200
500
100
10
20
250
0.15
0.6
5.0
5.0
ECEA1HN101U( )
200
500
220
12.5
25
360
0.15
0.6
5.0
5.0
ECEA1HN221U( )
200
500
330
16
25
450
0.15
0.8
7.5
7.5
ECEA1HN331U( )
100
250
470
16
31.5
590
0.15
0.8
7.5
ECEA1HN471U
100
Endurance: 85 °C 2000 h (1000 hours for each polarity)
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, i=2.5 mm.
The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide.
Jul. 2008


Similar Part No. - ECEA1CN221X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1CN221X PANASONIC-ECEA1CN221X Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECEA1CN221X PANASONIC-ECEA1CN221X Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECEA1CN221X PANASONIC-ECEA1CN221X Datasheet
66Kb / 3P
   Radial Lead Type
More results

Similar Description - ECEA1CN221X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
RS010M1HBK130250 RFE-RS010M1HBK130250 Datasheet
79Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RS/RSG Series: Radial Bi-polar
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
logo
RFE international
VEB100M1ETR063053 RFE-VEB100M1ETR063053 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEB Series: Surface Mount Type, Bi-Polar
logo
NIC-Components Corp.
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com