Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3711PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFU3711PBF
Description  High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3711PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFU3711PBF Datasheet HTML 3Page - International Rectifier IRFU3711PBF Datasheet HTML 4Page - International Rectifier IRFU3711PBF Datasheet HTML 5Page - International Rectifier IRFU3711PBF Datasheet HTML 6Page - International Rectifier IRFU3711PBF Datasheet HTML 7Page - International Rectifier IRFU3711PBF Datasheet HTML 8Page - International Rectifier IRFU3711PBF Datasheet HTML 9Page - International Rectifier IRFU3711PBF Datasheet HTML 10Page - International Rectifier IRFU3711PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFR/U3711PbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASSE MBLY
EXAMPLE:
WIT H AS SEMBLY
T HIS IS AN IRFU120
YEAR 9 = 1999
DAT E CODE
LINE A
WEEK 19
IN T HE AS SE MBLY LINE "A"
ASS EMBLE D ON WW 19, 1999
LOT CODE 5678
PART NUMBE R
56
IRF U120
INT ERNAT IONAL
LOGO
RE CT IFIER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-Free"
OR
56
78
AS SEMBLY
LOT CODE
RECT IFIER
LOGO
INT ERNAT IONAL
IRF U120
PART NUMB ER
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = AS SEMBLY SIT E CODE
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)


Similar Part No. - IRFU3711PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3711PBF IRF-IRFU3711PBF Datasheet
236Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRFU3711PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRLPBF IRF-IRF3711STRLPBF Datasheet
292Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com