Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR3500 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part No. MR3500
Description  AUTOMOTIVE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MR3500 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MR3500 Datasheet HTML 1Page - EIC discrete Semiconductors MR3500 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( MR3500 - MR3510 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
120
130
140
150
160
170
180
190
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( °C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
28
21
14
7
35
10
1.0
400
0
500
0
300
200
100
10
80
1
0.01
100
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25
°C
Ta = 100
°C
TJ = 25
°C
Ta = 25
°C
Pulse Width = 300
µs
2% Duty Cyc le
0.1


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MR3500L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
MR5000 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
MR5000L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR2500 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR2500L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR3500 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR3500L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR5000 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR5000L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
MR2500 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn