Electronic Components Datasheet Search |
|
ECEA0JN682U Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
ECEA0JN682U Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 3 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ SU(Bi-polar) ■ Standard Products (Bi-polar) W.V. Cap. (±20 %) Case size Specification Lead Length Part No. Min. Packaging Q'ty Dia. Length Ripple Current (120 Hz) (+85 °C) tan δ (120 Hz) (+20 °C) Lead Dia. Lead Space Straight Leads Taping Straight Taping ✽B Taping ✽i (V) (µF) (mm) (mm) (mA r.m.s.) ( )(mm) (mm) (mm) (mm) (pcs) (pcs) 50 0.47 5 11 10 0.15 0.5 2.0 5.0 2.5 ECEA1HNR47U( ) 200 2000 15 11 10 0.15 0.5 2.0 5.0 2.5 ECEA1HN010U( ) 200 2000 2.2 5 11 18 0.15 0.5 2.0 5.0 2.5 ECEA1HN2R2U( ) 200 2000 3.3 5 11 25 0.15 0.5 2.0 5.0 2.5 ECEA1HN3R3U( ) 200 2000 4.7 5 11 30 0.15 0.5 2.0 5.0 2.5 ECEA1HN4R7U( ) 200 2000 10 6.3 11.2 50 0.150.5 2.5 5.0 2.5 ECEA1HN100U( ) 200 2000 22 8 11.5 90 0.15 0.6 3.5 5.0 ECEA1HN220U( ) 200 1000 33 8 11.5 110 0.15 0.6 3.5 5.0 ECEA1HN330U( ) 200 1000 47 10 12.5 140 0.15 0.6 5.0 5.0 ECEA1HN470U( ) 200 500 100 10 20 250 0.15 0.6 5.0 5.0 ECEA1HN101U( ) 200 500 220 12.5 25 360 0.15 0.6 5.0 5.0 ECEA1HN221U( ) 200 500 330 16 25 450 0.15 0.8 7.5 7.5 ECEA1HN331U( ) 100 250 470 16 31.5 590 0.15 0.8 7.5 ECEA1HN471U 100 Endurance: 85 °C 2000 h (1000 hours for each polarity) When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, i=2.5 mm. The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide. Jul. 2008 |
Similar Part No. - ECEA0JN682U |
|
Similar Description - ECEA0JN682U |