Electronic Components Datasheet Search |
|
R2B131350R0J5J0 Datasheet(PDF) 2 Page - Anaren Microwave |
|
R2B131350R0J5J0 Datasheet(HTML) 2 Page - Anaren Microwave |
2 / 3 page USA/Canada: Toll Free: Europe: (315) 432-8909 (800) 544-2414 +44 2392-232392 Available on Tape and Reel For Pick and Place Manufacturing. Model R2B131350R0J5J0 Performance Specifications: Power De-rating: Suggested Mounting: Solder mount with resistive side down. Description of Standard Tests as specified by options in Part Number Change in Resistance Parameter Limit Typical Test Method Resistance ± 5% 50 Ω Measurement at 25°C T.C.R (ppm / ºC) ± 300 Measurement at +25 C to-55°C and +25°C to +125°C Overload (Short Time) ±2% ±0.5% Rated Voltage x 2.5 for 5 seconds Thermal Shock ±0.5% ±0.3% -55°C (30 minutes), +125°C (30 minutes), 100 cycles Life Test ±3% ±1% 70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle High Temperature Exposure ±1% ±0.3% +125°C, 1000 hours +155°C, 1000 hours R2B131350R0J5J0 (097) Rev B |
Similar Part No. - R2B131350R0J5J0 |
|
Similar Description - R2B131350R0J5J0 |