Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEA0JN472U Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECEA0JN472U
Description  Aluminum Electrolytic Capacitors/ SU(Bi-polar)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA0JN472U Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECEA0JN472U Datasheet HTML 1Page - Panasonic Semiconductor ECEA0JN472U Datasheet HTML 2Page - Panasonic Semiconductor ECEA0JN472U Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
φ5to φ8
φD±0.5
φd±0.05
Sleeve
14 min.
3 min.
✽L
Pressure relief
(
φ6.3<)
✽ L<16:L±1.0
L
>20:L
±2.0
φ10<
φD±0.5
Features
● Endurance : 85 °C 2000 h
● RoHS directive compliant
Radial Lead Type
Series:
SU(Bi-polar) Type: A
Dimensions in mm (not to scale)
(mm)
Specifications
Category Temp. Range
–40 °C to +85 °C
Rated W.V. Range
6.3 V.DC to 50 V.DC
Nominal Cap. Range
0.47 µF to 6800 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.03 CV +3 (µA) After 5 minutes
tan
δ
Please see the attached standard products list.
Endurance
After 2000 hours application of DC working voltage (1000 hours for each polarity) at +85 °C±2 °C,
when the capacitors are restored to 20 °C, the capacitors shall meet the following limits.
Capacitance change ± 20 % of initial measured value
tan
δ
< 150 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized
at +20 °C capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Body Dia.
φD5
6.3
8
10
12.5
16
18
Lead Dia.
φd0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
[mm]
Mar. 2008


Similar Part No. - ECEA0JN472U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA0JN472U PANASONIC-ECEA0JN472U Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECEA0JN472U PANASONIC-ECEA0JN472U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECEA0JN472U PANASONIC-ECEA0JN472U Datasheet
66Kb / 3P
   Radial Lead Type
More results

Similar Description - ECEA0JN472U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
RS010M1HBK130250 RFE-RS010M1HBK130250 Datasheet
79Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RS/RSG Series: Radial Bi-polar
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
logo
RFE international
VEB100M1ETR063053 RFE-VEB100M1ETR063053 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEB Series: Surface Mount Type, Bi-Polar
logo
NIC-Components Corp.
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com