Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2B130850R0J4J0 Datasheet(PDF) 2 Page - Anaren Microwave

Part # R2B130850R0J4J0
Description  Anaren High Frequency Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

R2B130850R0J4J0 Datasheet(HTML) 2 Page - Anaren Microwave

  R2B130850R0J4J0 Datasheet HTML 1Page - Anaren Microwave R2B130850R0J4J0 Datasheet HTML 2Page - Anaren Microwave R2B130850R0J4J0 Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model R2B130850R0J4J0
Performance Specifications:
Power De-rating:
Suggested Mounting:
Solder mount with resistive side down.
Description of Standard Tests as specified by options in Part Number
Change in Resistance
Parameter
Limit
Typical
Test Method
Resistance
± 5%
50 Ω
Measurement at 25°C
T.C.R
(ppm / ºC)
± 200
45
Measurement at +25°C to-55°C and +25°C to
+125°C
Overload (Short Time)
±2%
±0.5%
Rated Voltage x 2.5 for 5 seconds
Thermal Shock
±0.5%
±0.3%
-55°C (30 minutes), +125°C (30 minutes),
100 cycles
Life Test
±3%
±1%
70°C ± 2°C, 1000 hours,
1.5 hr ON, 0.5 hr OFF cycle
High Temperature Exposure
±1%
±0.3%
+125°C, 1000 hours
+155°C, 1000 hours
R2B130850R0J4J0 (097) Rev B


Similar Part No. - R2B130850R0J4J0

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
R2B131350R0J5L0 ANAREN-R2B131350R0J5L0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results

Similar Description - R2B130850R0J4J0

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
R2B131350R0J5L0 ANAREN-R2B131350R0J5L0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
R3B100550R0J5G0 ANAREN-R3B100550R0J5G0 Datasheet
203Kb / 3P
   Anaren High Frequency Chip Resistor
R2B080550R0J5J0 ANAREN-R2B080550R0J5J0 Datasheet
193Kb / 3P
   Anaren High Frequency Chip Resistor
R1B131350R0F5BT ANAREN-R1B131350R0F5BT Datasheet
196Kb / 3P
   Anaren High Frequency Chip Resistor
C1A101050R0J4A0 ANAREN-C1A101050R0J4A0 Datasheet
261Kb / 3P
   Anaren High Frequency Chip Resistor
R1A100550R0J5C0 ANAREN-R1A100550R0J5C0 Datasheet
192Kb / 3P
   Anaren High Frequency Chip Resistor
R2B100550R0J5G0 ANAREN-R2B100550R0J5G0 Datasheet
196Kb / 3P
   Anaren High Frequency Chip Resistor
R3A100550R0J5G0 ANAREN-R3A100550R0J5G0 Datasheet
191Kb / 3P
   Anaren High Frequency Chip Resistor
R3C131350R0G4K0 ANAREN-R3C131350R0G4K0 Datasheet
206Kb / 3P
   Anaren High Frequency Chip Resistor
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com