Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8703 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS8703
Description  ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8703 Datasheet(HTML) 6 Page - California Eastern Labs

  PS8703 Datasheet HTML 1Page - California Eastern Labs PS8703 Datasheet HTML 2Page - California Eastern Labs PS8703 Datasheet HTML 3Page - California Eastern Labs PS8703 Datasheet HTML 4Page - California Eastern Labs PS8703 Datasheet HTML 5Page - California Eastern Labs PS8703 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL
for all damages resulting from such improper use or sale.
PS8703
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
Peak reflow temperature
235 ˚C or below (package surface temperature)
Time of temperature higher than 210 ˚C
30 seconds or less
Number of reflows
Three
Flux
Rosin flux containing small amount of chlorine (The flux
with a max. chlorine content of 0.2 Wt % is recommended
(2) Cautions
•Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
Recommended Temperature Profile of Infrared Flow
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/11/2003
Time (s)
100 to 160
˚C
60 to 120 s
(preheating)
(heating)
to 10 s
to 30 s
235
˚C (peak temperature)
210
˚C


Similar Part No. - PS8703

ManufacturerPart #DatasheetDescription
logo
NEC
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
   NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8703-F3 NEC-PS8703-F3 Datasheet
122Kb / 6P
   NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8703-F4 NEC-PS8703-F4 Datasheet
122Kb / 6P
   NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
More results

Similar Description - PS8703

ManufacturerPart #DatasheetDescription
logo
NEC
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
   NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9117 NEC-PS9117 Datasheet
522Kb / 10P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS8103 CEL-PS8103 Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8103 RENESAS-PS8103 Datasheet
262Kb / 13P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS9714 CEL-PS9714 Datasheet
166Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com