Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2175SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2175SPBF
Description  LINEAR CURRENT SENSING IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2175SPBF Datasheet(HTML) 3 Page - International Rectifier

  IR2175SPBF Datasheet HTML 1Page - International Rectifier IR2175SPBF Datasheet HTML 2Page - International Rectifier IR2175SPBF Datasheet HTML 3Page - International Rectifier IR2175SPBF Datasheet HTML 4Page - International Rectifier IR2175SPBF Datasheet HTML 5Page - International Rectifier IR2175SPBF Datasheet HTML 6Page - International Rectifier IR2175SPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IR2175(S)&(PbF)
www.irf.com
Note 1:
±10mV offset represents ±1.5% duty cycle fluctuation
Note 2: Gain = (full range of duty cycle in %) / (full input voltage range).
VIN
Nominal input voltage range before saturation
-260
260
VIN+ _ VS
VOC+
Overcurrent trip positive input voltage
260
VOC-
Overcurrent trip negative input voltage
-260
VOS
Input offset voltage
-10
0
10
VIN = 0V (Note 1)
∆VOS/∆TA
Input offset voltage temperature drift
25
µV/oC
G
Gain (duty cycle % per VIN)
155
160
165
%/V
max gain error=5%
(Note 2)
∆G/∆TA
Gain temperature drift
20
ppm/
oC
ILK
Offset supply leakage current
50
µA
VB = VS = 600V
IQBS
Quiescent VBS supply current
2
VS = 0V
IQCC
Quiescent VCC supply current
0.5
LIN
Linearity (duty cycle deviation from ideal linearity
0.5
1
%
curve)
∆VLIN/∆TA
Linearity temperature drift
.005
%/
oC
IOPO
Digital PWM output sink current
20
2—
IOCC
OC output sink current
10
1—
DC Electrical Characteristics
VCC = VBS = 15V, and TA = 25
o unless otherwise specified.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
mA
mV
mA
VO = 1V
VO = 0.1V
VO = 1V
VO = 0.1V
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
Propagation delay characteristics
fo
Carrier frequency output
100
130
180
kHz
∆f/∆TA
Temperature drift of carrier frequency
500
ppm/
oC
Dmin
Minimum duty
9
%
Dmax
Maximum duty
91
%
VIN+=+260mV
BW
fo bandwidth
15
kHz
PHS
Phase shift at 1kHz
-10
o
tdoc
Propagation delay time of OC
1
2
twoc
Low true pulse width of OC
1.5
AC Electrical Characteristics
VCC = VBS = 15V, and TA = 25
o unless otherwise specified.
figure 1
VIN = 0 & 5V
VIN+=-260mV,
VIN+ = 100mVpk -pk
sine wave, gain=-3dB
VIN+ =100mVpk-pk
sine wave
µsec


Similar Part No. - IR2175SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2175SPBF IRF-IR2175SPBF Datasheet
107Kb / 7P
   LINEAR CURRENT SENSING IC
More results

Similar Description - IR2175SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
IR2175PBF IRF-IR2175PBF Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175_15 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175 Datasheet
107Kb / 7P
   LINEAR CURRENT SENSING IC
IR2172 IRF-IR2172 Datasheet
122Kb / 7P
   LINEAR CURRENT SENSING IC
IR2171 IRF-IR2171 Datasheet
149Kb / 7P
   LINEAR CURRENT SENSING IC
IR2172S IRF-IR2172S Datasheet
126Kb / 7P
   LINEAR CURRENT SENSING IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
   Isolated Linear Sensing IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com