Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER504 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # HER504
Description  HIGH EFFICIENT RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HER504 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  HER504 Datasheet HTML 1Page - EIC discrete Semiconductors HER504 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( HER501 - HER508 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : April 2, 2002
60Hz RESISTIVE OR INDUCTIVE LOAD
4
3
2
1
5
100
10
1.0
160
0
200
0
120
80
40
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
Ta = 50
°C
HER501-HER505
HER506-HER508
OSCILLOSCOPE
( NOTE 1 )
1
50
10
D.U.T.
50 Vdc
(approx)
PULSE
GENERATOR
( NOTE 2 )
Trr
+ 0.5 A
0
- 0.25 A
- 1.0 A
1 cm
SET TIME BASE FOR 25-35 ns/cm


Similar Part No. - HER504

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HER504 GWSEMI-HER504 Datasheet
69Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Mospec Semiconductor
HER504 MOSPEC-HER504 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
logo
Nanjing International G...
HER504 DGNJDZ-HER504 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER504 UNIOHM-HER504 Datasheet
68Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nantong Hornby Electron...
HER504 HORNBY-HER504 Datasheet
274Kb / 3P
   HIGH EFFICENCY RECTIFIER
More results

Similar Description - HER504

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
HER201 NJSEMI-HER201 Datasheet
157Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
HER501 NJSEMI-HER501 Datasheet
159Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
EIC discrete Semiconduc...
HER251 EIC-HER251 Datasheet
47Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
SynSemi, Inc.
HER501 SYNSEMI-HER501 Datasheet
49Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
EIC discrete Semiconduc...
HER101 EIC-HER101 Datasheet
47Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
HER201 EIC-HER201 Datasheet
49Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
HER301 EIC-HER301 Datasheet
47Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
SynSemi, Inc.
HER201 SYNSEMI-HER201 Datasheet
50Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
HER151 NJSEMI-HER151 Datasheet
154Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
HER251 NJSEMI-HER251 Datasheet
155Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
EIC discrete Semiconduc...
HER151 EIC-HER151 Datasheet
47Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com