Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC6031PQ Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # BC6031PQ
Description  Class CC Fuseblocks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BC6031PQ Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  BC6031PQ Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9-18-02
SB02295
Class CC Fuseblocks
BC
600 Volt, 30 Amps
Series
Form No. BC Series
Page 1 of 1
Data Sheet: 1105
Bussmann®
Dimensional Data
1.625" + 0.015"
(41.28mm + 0.38mm)
2.375" + 0.015"
(60.33mm + 0.38mm)
R
BUSSMANN
COOPER INDUSTRIES
ST. LOUIS, MO 63178
MADE IN U.S.A.
75 C
WIRE
200,000A RMS SYM
WITHSTAND RATING
XXXX
Buss
®
BC6031S
REPLACES CC60030-18
30A
600V
CLASS CC
FUSES ONLY
CU ONLY
10-14
20 LB IN.
3.000" + 0.015"
(76.20mm + 0.38mm)
0.360"
(9.14mm)
1 POLE
0.828" + 0.015"
(21.03mm + 0.38mm)
0.200" + 0.003"
(5.08mm + 0.08mm)
0.200" + 0.003"
(5.08mm + 0.08mm)
0.425"
(10.80mm)
1.530"
(38.86mm)
.750"
(19.05mm)
.172"
(4.37mm)
Typ. 2
.169"
± .210"
4.29mm
± 5.33mm
Typ. 2
2 POLE
0.425"
(10.80mm)
0.765"
(19.43mm)
3 POLE
FUSEBLOCK LABEL (EXAMPLE SHOWN)
1.210" + 0.015"
(30.73mm + 0.38mm)
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Catalog Symbol: BC Series
Class CC Fuseblocks
For use with Class CC Fuses (Bussmann LP-CC, KTK-R,
and FRQ-R)
Ampere Rating: ⁄Ω¡º to 30A
Voltage Rating: 600V
Withstand Rating: 200,000A RMS Sym.
Agency Information:
UL Listed, UL 512, Guide IZLT, File E14853
CSA Certified, C22.2 No. 39, Class 6225-01, File 47235
UL Flammability: 94VO
Materials: Base - Thermoplastic
Clips - Bright tin-plated bronze
DIN-RAIL Adapters: DRA-1 and DRA-2
Catalog Data
Terminal Type
Pressure
Screw with
Plate w/
Quick
Pressure
Quick
Box
Amps
Screw
Connect*
Plate
Connect*
Lug
⁄Ω¡º
1
BC6031S
BC6031SQ
BC6031P
BC6031PQ
BC6031B
to
2
BC6032S
BC6032SQ
BC6032P
BC6032PQ
BC6032B
30
3
BC6033S
BC6033SQ
BC6033P
BC6033PQ
BC6033B
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000 Vac, 75-1500 Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
* QUICK CONNECT RATED FOR 20A MAXIMUM.
Wire
Range
CU Only
#10-#14
#10-#14
#10-#14
#10-#14
#6-#14


Similar Part No. - BC6031PQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC6031PQ ETC1-BC6031PQ Datasheet
620Kb / 5P
   GENERAL PURPOSE MIDGET CLASS MCL
More results

Similar Description - BC6031PQ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
J60100-1STR COOPER-J60100-1STR Datasheet
160Kb / 2P
   Class J Fuseblocks
J60060-1CR COOPER-J60060-1CR Datasheet
160Kb / 2P
   Class J Fuseblocks
JP60030-3PR COOPER-JP60030-3PR Datasheet
58Kb / 1P
   Class J Fuseblocks
J60060-2C COOPER-J60060-2C Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣 600 Amps
J60100-3CR COOPER-J60100-3CR Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣-600 Amps
J60200-3CR COOPER-J60200-3CR Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣-600 Amps
FWH-100A COOPER-FWH-100A Datasheet
61Kb / 2P
   Modular Fuseblocks
4164 COOPER-4164 Datasheet
34Kb / 1P
   Limiter Fuseblocks
1BS101 COOPER-1BS101 Datasheet
76Kb / 1P
   Modular Fuseblocks
logo
Littelfuse
KLDR LITTELFUSE-KLDR_V01 Datasheet
447Kb / 10P
   Class CC Fuses KLDR Series
Rev: 092821
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com