Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM032GF5AN-PCWC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # APSDM032GF5AN-PCWC
Description  SATA-Disk Module 4
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032GF5AN-PCWC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  APSDM032GF5AN-PCWC Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM032GF5AN-PCWC Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM032GF5AN-PCWC Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM032GF5AN-PCWC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM032GF5AN-PCWC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM032GF5AN-PCWC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM032GF5AN-PCWC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM032GF5AN-PCWC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM032GF5AN-PCWC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SATA-Disk Module 4
APSDMxxxxF5AN-PXXX
4
© 2013 Apacer Technology Inc.
Rev. 1.3
3. Pin Assignments
Table 3-1: Signal segment
Name
Type
Description
Pin 1
GND
Pin 2
RxP
+ Differential Receive Signal
Pin 3
RxN
- Differential Receive Signal
Pin 4
GND
Pin 5
TxN
- Differential Transmit Signal
Pin 6
TxP
+ Differential Transmit Signal
Pin 7
GND
Table 3-2: Power segment
Name
Description
Pin 1
VCC (5V)
Pin 2
GND
Signal Pin1
Power Pin1
for power
Cable-less
type
Power Pin1
for power
cable type


Similar Part No. - APSDM032GF5AN-PCWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM032GF5AN-AC ETC2-APSDM032GF5AN-AC Datasheet
225Kb / 21P
   SATA-Disk Module 4
APSDM032GF5AN-ACW ETC2-APSDM032GF5AN-ACW Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results

Similar Description - APSDM032GF5AN-PCWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com