Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM008G55PN-PTW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APSDM008G55PN-PTW
Description  SATA-Disk Module 4
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM008G55PN-PTW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APSDM008G55PN-PTW Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM008G55PN-PTW Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM008G55PN-PTW Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM008G55PN-PTW Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM008G55PN-PTW Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM008G55PN-PTW Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM008G55PN-PTW Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM008G55PN-PTW Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM008G55PN-PTW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SATA-Disk Module 4
APSDMxxxx55AN-PXXX
1
© 2013 Apacer Technology Inc.
Rev. 1.3
Features:
Standard Serial ATA Revision 2.6
Compliance with SATA Revision 2.6
specifications
SATA 3.0 Gbps
ATA-compatible command set
Capacities
2, 4, 8, 16, 32 GB
Performance*
Burst read/write: 300 MB/sec
Sustained read: up to 85 MB/sec
Sustained write: up to 80 MB/sec
Intelligent endurance design
Built-in hardware ECC, enabling up to
16/24 bit correction per 1K bytes
Static/dynamic wear-leveling
Flash bad-block management
S.M.A.R.T.
Power Failure Management
ATA Secure Erase
TRIM
NAND Flash Type: SLC
Temperature ranges
Operation:
Standard: 0°C to 70°C (32 ~ 158°F)
Extended: -40 ~ +85°C (-40°~ 185°F)
Storage: -40°C to 100°C (-40°~ 212°F)
Supply voltage
5.0 V
± 5%
Power consumption (typical)*
Active mode: 233 mA@5.0 V
Idle mode: 75 mA@5.0 V
Connector type
7-pin signal connector
Power segment in two types: power cable
and power cable-less types
Form factor
Middle Profile SATA Disk Module
Dimensions: 58.00 x 24.00 x 1.00**, unit:
mm)
Shock & Vibration***
Shock: 1500 G
Vibration: 15 G
MTBF: >2,000,000 hours
RoHS compliant
Write Protect (optional)
Enabled by onboard hardware switch
*Varies from capacities. The values for performances and power consumptions presented are typical and may vary depending on
flash configurations or platform settings. The term idle refers to the standby state of the device.
**Only the thickness of the module. For details, please see “Physical Characteristics”.
***Non-operating


Similar Part No. - APSDM008G55PN-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM008G55AN-AT ETC2-APSDM008G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM008G55AN-ATW ETC2-APSDM008G55AN-ATW Datasheet
226Kb / 21P
   SATA-Disk Module 4
More results

Similar Description - APSDM008G55PN-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com