Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM064G15AD-PC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # APSDM064G15AD-PC
Description  SATA-Disk Module 4
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM064G15AD-PC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button APSDM064G15AD-PC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM064G15AD-PC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM064G15AD-PC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM064G15AD-PC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM064G15AD-PC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM064G15AD-PC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM064G15AD-PC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM064G15AD-PC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM064G15AD-PC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SATA-Disk Module 4
APSDMxxxx15XX-PXX
8
© 2013 Apacer Technology Inc.
Rev. 1.4
Performance (High-speed)
Capacity
Performance
4 GB
8 GB
16 GB
32 GB
64 GB
Sustained read (MB/s)
150
160
160
160
165
Sustained write (MB/s)
50
100
95
145
150
Note: Results may differ from flash configurations or host system settings.
4.4 Environmental Specifications
Environmental specification of SDM4 product family which follows the MIL-STD-202 and MIL-STD-810
standards is available as shown in Table 4-3.
Table 4-3 SDM4-M environmental specifications
Item
Specification
Operating temp.
0~70
℃ (standard); -40 ~ +85℃ (extended)
Non-operating temp.
-40~100(
℃)
Operating vibration
20~2000(Hz), 7.69 (Grms), random wave, X, Y, Z axis
Non-operating vibration
10~2000(Hz), 15(G), sine wave, X, Y, Z axis
Operating shock
50(G), 11(ms), half-sine wave
Non-operating shock
1500(G), 0.5(ms), half-sine wave
4.5 Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual components
in SDM4. The prediction result for SDM4-M is more than 2,000,000 hours.
Notes about the MTBF:
The MTBF is predicated and calculated based on “Telcordia Technologies Special Report, SR-332, Issue
2” method.
4.6 Certification and Compliance
SDM4 complies with the following standards:
CE
FCC
RoHS
MIL-STD-202 and MIL-STD-810


Similar Part No. - APSDM064G15AD-PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM064G15AD-AC ETC2-APSDM064G15AD-AC Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM064G15AD-ACW ETC2-APSDM064G15AD-ACW Datasheet
256Kb / 21P
   SATA-Disk Module 4
More results

Similar Description - APSDM064G15AD-PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com