Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM032G55AN-AC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APSDM032G55AN-AC
Description  SATA-Disk Module 4
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032G55AN-AC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APSDM032G55AN-AC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM032G55AN-AC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM032G55AN-AC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM032G55AN-AC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM032G55AN-AC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM032G55AN-AC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM032G55AN-AC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM032G55AN-AC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM032G55AN-AC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SATA-Disk Module 4
APSDMxxxx55AN-AXX
10
© 2012 Apacer Technology Inc.
Rev. 1.1
5.6 S.M.A.R.T.
S.M.A.R.T. is an acronym for Self-Monitoring, Analysis and Reporting Technology, an open standard
allowing disk drives to automatically monitor their own health and report potential problems. It protects the
user from unscheduled downtime by monitoring and storing critical drive performance and calibration
parameters. Ideally, this should allow taking proactive actions to prevent impending drive failure.
Apacer SDM4 uses the standard SMART command B0h to read data from the drive for SMART feature
as the SATA Rev.2.6 ATA/ATAPI-7 specifications. Based on the SFF-8035i Rev. 2.0 specifications,
Apacer SMART defines vendor-specified SMART Attribute IDs (A0h, A1h, A2h, A3h, A4h-A5h) in SDM4.
They represent initial back block count, bad block count, spare block count, maximum erase count, and
average erase counts respectively. When the Apacer SMART Utility running on the host, it analyzes and
reports the disk status to the host before SDM4 is in critical condition.
5.7 TRIM
Made of millions of NAND flash cells, SSD can be written into groups called pages in 4K size generally,
but can only be erased in larger groups called blocks of 128 pages or 512KB. These stipulations are
partially the source of many performance issues. Until an address gets used again, the SSD has to keep
track of every last bit of data that’s written on it. The ATA-TRIM instruction tilts the balance in favor of the
SSD. TRIM addresses a major part of the performance degradation issue over time that plagues all SSDs.
A TRIM enabled drive running an OS with TRIM support will stay closer to its peak performance over time.


Similar Part No. - APSDM032G55AN-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM032G55AN-PC ETC2-APSDM032G55AN-PC Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM032G55AN-PCC ETC2-APSDM032G55AN-PCC Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM032G55AN-PCW ETC2-APSDM032G55AN-PCW Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM032G55AN-PCWC ETC2-APSDM032G55AN-PCWC Datasheet
344Kb / 19P
   SATA-Disk Module 4
More results

Similar Description - APSDM032G55AN-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com