Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4949A Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV4949A
Description  100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4949A Datasheet(HTML) 3 Page - ON Semiconductor

  NCV4949A Datasheet HTML 1Page - ON Semiconductor NCV4949A Datasheet HTML 2Page - ON Semiconductor NCV4949A Datasheet HTML 3Page - ON Semiconductor NCV4949A Datasheet HTML 4Page - ON Semiconductor NCV4949A Datasheet HTML 5Page - ON Semiconductor NCV4949A Datasheet HTML 6Page - ON Semiconductor NCV4949A Datasheet HTML 7Page - ON Semiconductor NCV4949A Datasheet HTML 8Page - ON Semiconductor NCV4949A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCV4949A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (VCC = 14 V, −40°C < TA < 125°C, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Symbol
Iout = 100 mA
0.3
0.50
Input to Output Voltage Difference in Undervoltage Condition
VIO
0.2
0.4
V
(VCC = 4.0 V, Iout = 35 mA)
Line Regulation (6.0 V < VCC < 28 V, Iout = 1.0 mA)
Regline
1.0
20
mV
Load Regulation (1.0 mA < Iout < 100 mA)
Regload
8.0
30
mV
Current Limit
ILim
mA
Vout = 4.5 V
105
200
400
Vout = 0 V
100
Quiescent Current (Iout = 0.3 mA, TA < 100°C)
IQSE
150
260
mA
Quiescent Current (Iout = 100 mA)
IQ
5.0
mA
RESET
Reset Threshold Voltage
VResth
4.5
V
Reset Threshold Hysteresis
VResth,hys
mV
@ TA = 25°C
50
100
200
@ TA = −40 to +125°C
50
300
Reset Pulse Delay (CT = 100 nF, tR ≥ 100 ms)
tResD
55
100
180
ms
Reset Reaction Time (CT = 100 nF)
tResR
5.0
30
ms
Reset Output Low Voltage (RReset = 10 kW to Vout, VCC ≥ 3.0 V)
VResL
0.4
V
Reset Output High Leakage Current (VReset = 5.0 V)
IResH
1.0
mA
Delay Comparator Threshold
VCTth
2.0
V
Delay Comparator Threshold Hysteresis
VCTth, hys
100
mV
SENSE
Sense Low Threshold (VSI Decreasing = 1.5 V to 1.0 V)
VSOth
1.16
1.23
1.35
V
Sense Threshold Hysteresis
VSOth,hys
20
100
200
mV
Sense Output Low Voltage (VSI ≤ 1.16 V, VCC ≥ 3.0 V, RSO = 10 kW to Vout)
VSOL
0.4
V
Sense Output Leakage (VSO = 5.0 V, VSI ≥ 1.5 V)
ISOH
1.0
mA
Sense Input Current
ISI
−1.0
0.1
1.0
mA
PREREGULATOR
Preregulator Output Voltage (IZ = 10 mA)
VZ
6.3
V
PIN FUNCTION DESCRIPTION
Pin
SO−8, SO−8 EP
Pin
SO−20 W
Symbol
Description
1
19
VCC
Supply Voltage
2
20
Si
Input of Sense Comparator
3
1
VZ
Output of Preregulator
4
2
CT
Reset Delay Capacitor
5
4−7, 14−17
GND
Ground
6
10
Reset
Output of Reset Comparator
7
11
SO
Output of Sense Comparator
8
12
Vout
Main Regulator Output
3, 8, 9, 13, 18
NC
No Connect


Similar Part No. - NCV4949A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
NCV4949A ONSEMI-NCV4949A Datasheet
140Kb / 12P
   Low Dropout Voltage Regulator
July, 2017 ??Rev. 4
NCV4949ADR2G ONSEMI-NCV4949ADR2G Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
NCV4949ADR2G ONSEMI-NCV4949ADR2G Datasheet
140Kb / 12P
   Low Dropout Voltage Regulator
July, 2017 ??Rev. 4
NCV4949ADWR2G ONSEMI-NCV4949ADWR2G Datasheet
140Kb / 12P
   Low Dropout Voltage Regulator
July, 2017 ??Rev. 4
More results

Similar Description - NCV4949A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
L4949 ONSEMI-L4949_06 Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com